Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP40447 Datasheet(PDF) 2 Page - CUI INC

Part # CP40447
Description  PELTIER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP40447 Datasheet(HTML) 2 Page - CUI INC

  CP40447 Datasheet HTML 1Page - CUI INC CP40447 Datasheet HTML 2Page - CUI INC CP40447 Datasheet HTML 3Page - CUI INC CP40447 Datasheet HTML 4Page - CUI INC CP40447 Datasheet HTML 5Page - CUI INC CP40447 Datasheet HTML 6Page - CUI INC CP40447 Datasheet HTML 7Page - CUI INC CP40447 Datasheet HTML 8Page - CUI INC CP40447 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
cui.com
date 09/08/2016
│ page 2 of 11
CUI Inc
│ SERIES: CP40 │ DESCRIPTION: PELTIER MODULE
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
internal resistance1
CP40136
CP40236
CP40336
CP40147
CP40247
CP40301547
CP40347
CP40447
0.72
1.8
3.15
0.378
0.693
0.783
1.584
2.835
0.80
2.0
3.5
0.42
0.77
0.87
1.76
3.15
0.88
2.2
3.85
0.462
0.847
0.957
1.936
3.465
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
solder melting temperature
connection between thermoelectric pairs
138
°C
assembly compression
3.6 mm models
4.7 mm models
0.98
1
MPa
MPa
hot side plate
80
°C
RoHS
2011/65/EU
Note:
1. Measured by AC 4-terminal method at 25°C
MECHANICAL DRAWING
units: mm
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
7 3.0
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
(3.6 mm models) 22AWG
tin
wire leads
(4.7 mm models) 20AWG
tin
sealer
siliconrubber703RTV(betweencold
and hot side plates)
joint cover
siliconrubber703RTV
marking
P/N & S/N printed on cold side
surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP40136
15 ±0.3
15 ±0.3
3.6 ±0.1
CP40236
20 ±0.3
20 ±0.3
3.6 ±0.1
CP40336
30 ±0.3
30 ±0.3
3.6 ±0.1
CP40147
15 ±0.3
15 ±0.3
4.7 ±0.1
CP40247
20 ±0.3
20 ±0.3
4.7 ±0.1
CP40301547
30 ±0.3
15 ±0.3
4.7 ±0.1
CP40347
30 ±0.3
30 ±0.3
4.7 ±0.1
CP40447
40 ±0.3
40 ±0.3
4.7 ±0.1
For more information, please visit the product page.


Similar Part No. - CP40447

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP40447 CUI-CP40447 Datasheet
796Kb / 11P
   PELTIER MODULE
CP404476 CUI-CP404476 Datasheet
1Mb / 15P
   PELTIER MODULE
11/17/2020
More results

Similar Description - CP40447

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
   PELTIER MODULE
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
   PELTIER MODULE
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
   PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
   PELTIER MODULE
10/18/2019
CP120 CUI-CP120 Datasheet
297Kb / 4P
   PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
   PELTIER MODULE
11/09/2020
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
   PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
   PELTIER MODULE
08/05/2022
logo
CUI INC
CP20H CUI-CP20H_17 Datasheet
554Kb / 6P
   PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
   PELTIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com