Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1051A Datasheet(PDF) 5 Page - Keysight Technologies

Part # U1051A
Description  Acqiris TC890 Time-to-Digital Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1051A Datasheet(HTML) 5 Page - Keysight Technologies

  U1051A Datasheet HTML 1Page - Keysight Technologies U1051A Datasheet HTML 2Page - Keysight Technologies U1051A Datasheet HTML 3Page - Keysight Technologies U1051A Datasheet HTML 4Page - Keysight Technologies U1051A Datasheet HTML 5Page - Keysight Technologies U1051A Datasheet HTML 6Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
High-Resolution Multistop Time-to-Digital Converter
Model TC890, 6 channel, 50 ps resolution
Signal input
Connectors
50 Ω K-lock
Lemo 00.250
QLA 00
NIM/CAMAC Standard CD/N549
50 Ω K-Lock (LEMO) type
Impedance
50 Ω ±1%
Threshold
Programmable from -1.5 V to +1.5 V, in
0.732 mV steps (12-bit)
Sensitivity
100 mV over threshold for 350 ps
(minimum pulse to trigger)
Hysteresis 15 mV
Channels
One common start
Six inputs stop
Protection
Clamping diodes at ±2.5 V, 0.5 W max
into 50 Ω
Propagation delay skew
tpd = 15 ps for 10 mV to 100 mV,
tpd = 40 ps for 100 mV to 2 V
VSWR (typ.)
< 1.5 from DC to 1 GHz
VETO IN
50 Ω input with programmable
threshold
REF IN
50 Ω input for external high-precision
10 MHz source
0 to 3 V pkpk
Threshold at 1.5 V
Time resolution and range
Time resolution
50 ps
Time range
Up to 10.48 ms in standard operation.
Can be extended to a much wider
range.
Double pulse resolution
< 15 ns
Integral nonlinearity
±50 ps
Differential nonlinearity
±30 ps
Post-start dead time
10 ns
Clock accuracy
Better than ±2 ppm
Clock jitter
< 3 ps rms
Internal reference frequency
10 MHz
Acquisition and readout
Acquisition modes
Multistart - Multistop
DMA
100 MB/s
General
Host computer and operating system:
PC compatible (x86) systems running
Microsoft Windows Vista, Windows XP,
Windows 2003 Server, Windows 2000
or National Instruments LabVIEW RT.
For more information on which specific
processors and operating system ver-
sions are supported, please contact us.
Transfer speed:
High-speed PCI bus transfers data at
sustained rates to host computer:
Up to 100 Mbytes/s for 32-bit/33 MHz
operation
Power consumption (typical)
< 25 W
Current requirements (typical)
12 V 0.10 A
5 V 4.1 A
3.3 V 0.80 A
-12 V 0.05 A
Warranty
1 year
Environmental and physical
Operating temperature
0 ° to 40 °C
Required airflow
> 2 m/s in situ
Relative humidity
5 to 95% (non-condensing)
Safety
Complies with EN61010-1
EMC immunity
Complies with EN61326-1
Industrial Environment (TBC)
EMC emissions
Complies with EN61326-1 Class A for
radiated emissions (TBC)
Dimensions
6U CompactPCI standard (PXI
compliant)
233 mm x 160 mm x 20 mm
Front panel complies with IEEE1101.10
Certification and Compliance
5


Similar Part No. - U1051A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U1050 ETC2-U1050 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U1050 ETC2-U1050 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Keysight Technologies
U1050A KEYSIGHT-U1050A Datasheet
1Mb / 6P
   Acqiris Time-to-Digital Converter
logo
rfsolutions.ltd
U105C4A-433 RFSOLUTIONS-U105C4A-433 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
More results

Similar Description - U1051A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1050A KEYSIGHT-U1050A Datasheet
1Mb / 6P
   Acqiris Time-to-Digital Converter
logo
Texas Instruments
TDC7200 TI1-TDC7200_16 Datasheet
1Mb / 50P
[Old version datasheet]   Time-to-Digital Converter
logo
Roithner LaserTechnik G...
TTM8000 ROITHNER-TTM8000 Datasheet
363Kb / 2P
   8 Channel Time to Digital Converter
logo
Maxim Integrated Produc...
MAX35102 MAXIM-MAX35102 Datasheet
999Kb / 37P
   Time-to-Digital Converter Without RTC
19-7442; Rev 0; 11/14
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Sciosense B.V.
AS6500 SCIOSENSE-AS6500 Datasheet
344Kb / 3P
   AS6500 – 4-channel Time-to-Digital Converter
logo
Maxim Integrated Produc...
MAX35101 MAXIM-MAX35101 Datasheet
1Mb / 66P
   Time-to-Digital Converter with Analog Front-End
19-6830; Rev 1; 1/15
logo
Sciosense B.V.
TDC-GPX2 SCIOSENSE-TDC-GPX2 Datasheet
344Kb / 3P
   TDC-GPX2 – 4-channel Time-to-Digital Converter
logo
ams AG
TDC-GPX AMSCO-TDC-GPX Datasheet
1Mb / 54P
   Ultra-high Performance 8 Channel Time- to-Digital Converter
logo
List of Unclassifed Man...
MQT200F ETC1-MQT200F Datasheet
309Kb / 5P
   Charge-to-Time Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com