Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5430 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VV5430
Description  Integrated CMOS Image Sensor with support for ADC and external control via serial interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VV5430 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VV5430 Datasheet HTML 6Page - List of Unclassifed Manufacturers VV5430 Datasheet HTML 7Page - List of Unclassifed Manufacturers VV5430 Datasheet HTML 8Page - List of Unclassifed Manufacturers VV5430 Datasheet HTML 9Page - List of Unclassifed Manufacturers VV5430 Datasheet HTML 10Page - List of Unclassifed Manufacturers VV5430 Datasheet HTML 11Page - List of Unclassifed Manufacturers VV5430 Datasheet HTML 12Page - List of Unclassifed Manufacturers VV5430 Datasheet HTML 13Page - List of Unclassifed Manufacturers VV5430 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
cd27033c.fm
VISION V V 5430 Sensor
VIDEO STANDARDS
The VV5430 has 2 different video format modes, producing CCIR or EIA standard composite
Monochrome video output. Line standards and frequencies are as follows:
Video signal Characteristics
The following table summarises the composite video output levels (AVO) for the two standards,
which are graphically illustrated on the following pages:
Note: All measurements are made with AVO driving one 75
Ω load.
Video Mode
Format
Image (Pixels)
Crystal Frequency
CCIR pin
CCIR
4:3
384 x 287
14.7456 MHz
1
EIA
4:3
320 x 243
12.0000 MHz
0
VV5430 Video Modes
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes
VSync
CCIR, EIA Sync. level
0.3
V
Vblank
CCIR, EIA Blanking
level
0.9
V
DC reference
level
Vblack
CCIR Black level
0.9
V
EIA Black level
1.0
V
VSat
CCIR Saturation level
2.3
V
Peak White;
AVO clipped at
this level
EIA Saturation level
2.4
V


Similar Part No. - VV5430

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV5430 STMICROELECTRONICS-VV5430 Datasheet
289Kb / 33P
   Monochrome Analog Output CMOS Image Sensors
VV5430C001 STMICROELECTRONICS-VV5430C001 Datasheet
289Kb / 33P
   Monochrome Analog Output CMOS Image Sensors
More results

Similar Description - VV5430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VV5300 ETC-VV5300 Datasheet
691Kb / 43P
   Integrated CMOS Image Sensor with on-chip ADC
logo
Hynix Semiconductor
HB7121B HYNIX-HB7121B Datasheet
391Kb / 29P
   CMOS IMAGE SENSOR With 8-bit ADC
HB7121BELECTRONICS HYNIX-HB7121BELECTRONICS Datasheet
786Kb / 29P
   CMOS IMAGE SENSOR With 8-bit ADC
HV7121B HYNIX-HV7121B Datasheet
446Kb / 30P
   CMOS IMAGE SENSOR With 8-bit ADC
HV7131E1 HYNIX-HV7131E1 Datasheet
462Kb / 40P
   CMOS IMAGE SENSOR With 8-bit ADC
HV7121B-COB HYNIX-HV7121B-COB Datasheet
397Kb / 30P
   CMOS IMAGE SENSOR With 8-bit ADC
HV7131D HYNIX-HV7131D Datasheet
305Kb / 26P
   CMOS IMAGE SENSOR With 8-bit ADC
logo
List of Unclassifed Man...
HV7131B ETC-HV7131B Datasheet
834Kb / 29P
   CMOS IMAGE SENSOR With 8-bit ADC
logo
Hynix Semiconductor
HB7131D HYNIX-HB7131D Datasheet
299Kb / 26P
   CMOS IMAGE SENSOR With 8-bit ADC
HV7121B-COF HYNIX-HV7121B-COF Datasheet
383Kb / 30P
   CMOS IMAGE SENSOR With 8-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com