Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X90100 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X90100
Description  NV Electronically Programmable Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X90100 Datasheet(HTML) 5 Page - Xicor Inc.

  X90100 Datasheet HTML 1Page - Xicor Inc. X90100 Datasheet HTML 2Page - Xicor Inc. X90100 Datasheet HTML 3Page - Xicor Inc. X90100 Datasheet HTML 4Page - Xicor Inc. X90100 Datasheet HTML 5Page - Xicor Inc. X90100 Datasheet HTML 6Page - Xicor Inc. X90100 Datasheet HTML 7Page - Xicor Inc. X90100 Datasheet HTML 8Page - Xicor Inc. X90100 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
REV 1.4.7 9/8/03
www.xicor.com
X90100
A.C. OPERATING CHARACTERISTICS (VCC = 5V, TA = 25°C unless otherwise specified)
A.C. TIMING
Notes: (6) MI in the A.C. timing diagram refers to the minimum incremental change in the CTOTAL output due to a change in the counter value.
(7) tIH + tIL ≥ 4µs
Symbol
Parameter
Limits
Unit
Min.
Typ.(4)
Max.
tCl
CS to INC setup
100
ns
tlD
INC HIGH to U/D change
100
ns
tDI
U/D to INC setup
100
ns
tlL(7)
INC LOW period
1
µs
tlH(7)
INC HIGH period
1
µs
tlC
INC Inactive to CS inactive
1
µs
tCPHNS(5)
CS Deselect time (NO STORE)
1
µs
tCPHS(5)
CS Deselect time (STORE)
10
ms
tIW
INC to CTOTAL change
1
5
µs
tCYC
INC cycle time
4
µs
tR, tF(5)
INC input rise and fall time
500
µs
tPU(5)
Power up to capacitance stable
5
µs
tR VCC(5)
VCC power-up rate
0.2
50
V/ms
tWR(5)
Store cycle
5
10
ms
CS
INC
U/D
CTOTAL
tCI
tIL
tIH
tCYC
tID
tIW
MI
(6)
tIC
tCPHS
tF
tR
10%
90%
90%
(Store)
tDI
tCPHNS


Similar Part No. - X90100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X90100 INTERSIL-X90100 Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
X90100M8I INTERSIL-X90100M8I Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
X90100M8IT1 INTERSIL-X90100M8IT1 Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
More results

Similar Description - X90100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X90100 INTERSIL-X90100 Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Mechatronics, Inc.
LPH80B99 MECHATRONICS-LPH80B99 Datasheet
608Kb / 1P
   electronically commutated
LPH12A99 MECHATRONICS-LPH12A99 Datasheet
862Kb / 1P
   electronically commutated
LPH80A99 MECHATRONICS-LPH80A99 Datasheet
489Kb / 1P
   electronically commutated
LPH15P99 MECHATRONICS-LPH15P99 Datasheet
531Kb / 1P
   electronically commutated
LPH12A99-5 MECHATRONICS-LPH12A99-5 Datasheet
230Kb / 1P
   electronically commutated
LPH12B99 MECHATRONICS-LPH12B99 Datasheet
506Kb / 1P
   electronically commutated
LPH60B99 MECHATRONICS-LPH60B99 Datasheet
486Kb / 1P
   electronically commutated
logo
Cypress Semiconductor
CY8CNP102E CYPRESS-CY8CNP102E Datasheet
1Mb / 38P
   Nonvolatile Programmable System-on-Chip(PSoC짰 NV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com