Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X90100M8I Datasheet(PDF) 9 Page - Xicor Inc.

Part # X90100M8I
Description  NV Electronically Programmable Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X90100M8I Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X90100M8I Datasheet HTML 2Page - Xicor Inc. X90100M8I Datasheet HTML 3Page - Xicor Inc. X90100M8I Datasheet HTML 4Page - Xicor Inc. X90100M8I Datasheet HTML 5Page - Xicor Inc. X90100M8I Datasheet HTML 6Page - Xicor Inc. X90100M8I Datasheet HTML 7Page - Xicor Inc. X90100M8I Datasheet HTML 8Page - Xicor Inc. X90100M8I Datasheet HTML 9Page - Xicor Inc. X90100M8I Datasheet HTML 10Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
REV 1.4.7 9/8/03
www.xicor.com
X90100
PACKAGING INFORMATION
8 Bump FCP Package
Note:
Coordinate (0,0) is at package center
Symbol
Min
Nominal
Max
Millimeters
Package Width
a
1.322
1.352
1.382
Package Length
b
1.297
1.327
1.357
Package Height
c
0.466
0.506
0.546
Body Thickness
d
0.381
0.406
0.431
Ball Height
e
0.085
0.100
0.115
Ball Diameter
f
0.100
0.125
0.140
Bump Name
X coordinate, µm
Y coordinate, µm
1CS
28.4
478.8
2
NC/Test
352.9
471.8
3VCC
-488.6
351.3
4
Cm
491.9
210.8
5
Cp
491.9
-218.2
6
INC
-491.6
-382.7
7U/D
-40.1
-479.2
8VSS
373.4
-488.7
a
b
c
d
f
e
e
Bottom View (Bumped Side)
Side View
Side View
1
2
3
4
6
5
78


Similar Part No. - X90100M8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X90100M8I INTERSIL-X90100M8I Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
X90100M8IT1 INTERSIL-X90100M8IT1 Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
More results

Similar Description - X90100M8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X90100 INTERSIL-X90100 Datasheet
203Kb / 7P
   NV Electronically Programmable capacitor
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Mechatronics, Inc.
LPH80B99 MECHATRONICS-LPH80B99 Datasheet
608Kb / 1P
   electronically commutated
LPH12A99 MECHATRONICS-LPH12A99 Datasheet
862Kb / 1P
   electronically commutated
LPH80A99 MECHATRONICS-LPH80A99 Datasheet
489Kb / 1P
   electronically commutated
LPH15P99 MECHATRONICS-LPH15P99 Datasheet
531Kb / 1P
   electronically commutated
LPH12A99-5 MECHATRONICS-LPH12A99-5 Datasheet
230Kb / 1P
   electronically commutated
LPH12B99 MECHATRONICS-LPH12B99 Datasheet
506Kb / 1P
   electronically commutated
LPH60B99 MECHATRONICS-LPH60B99 Datasheet
486Kb / 1P
   electronically commutated
logo
Cypress Semiconductor
CY8CNP102E CYPRESS-CY8CNP102E Datasheet
1Mb / 38P
   Nonvolatile Programmable System-on-Chip(PSoC짰 NV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com