Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT8043N20P7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WT8043N20P7
Description  Synchronous Signal discriminator for Multi-Sync Display Monitor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8043N20P7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WT8043N20P7 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8043N20P7 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8043N20P7 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8043N20P7 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8043N20P7 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8043N20P7 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8043N20P7 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8043N20P7 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT8043N20P7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
WT8043
Synchronous Signal discriminator
for Multi-Sync Display Monitor
Weltrend
Semiconductor,
Inc.
2F., No. 24, Industry E. 9th Rd.
Science-Based Industrial Park
Hsin-Chu, Taiwan, R.O.C.
Tel:
886-35-780241
Fax: 886-35-770419
1
Jan. 30, 1996
Description
The WT8043 is a silicon monolithic circuit designed for synchronous signal
processing of multi-sync display monitors capable of coping with many kinds of PC's
and workstations. It can be applied to display monitors supporting standard IBM
VGA, VESA super VGA and IBM 8514/A video modes. It can also be used in other
high-end display monitors supporting non-standard video modes with user-defined
horizontal/vertical frequency ranges.
WT8043
incorporates
many
functional
circuits,
horizontal/vertical
frequency
discrimination, display mode selection, and synchronous pulse polarity detection, into
a single chip. Therefore, by using WT8043, monitor makers can shrink the PC board
size, reduce the material cost with fewer components, and reduce labor cost as well.
Features
Accepting separate H&V Synchronous signals with any polarities
Support VESA VGA (640x480, 640x400, 640x350), VESA SVGA (800x600),
European SVGA (800x600), VESA new SVGA (800x600), XGA (1024x768)
and 1280x1024.
Also including NEC (24K) mode, 3 VESA New 75Hz timing modes and Apple
MAC II (35k) mode.
Capable of processing horizontal frequency from 25KHz to 80KHz
Capable of processing vertical frequency from 50Hz to 120Hz
Standard IBM video mode control outputs (1024x768, 640x480, 640x400,
640x350)
Six non-standard horizontal frequency control outputs with predefined frequency
range. (users can define their own horizontal frequency range)
Fixed polarity horizontal and vertical synchronous signals output
Power supply voltage: 5V, but mode select control output and frequency
discrimination control output, these open collector outputs can be combined with
pull high resistor, pull up to 12V.
Application
Auto size control for Multi-Sync Display Monitors


Similar Part No. - WT8043N20P7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8045 ETC-WT8045 Datasheet
447Kb / 25P
   Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
WT8045N24P1 ETC-WT8045N24P1 Datasheet
447Kb / 25P
   Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
WT8045N24P3 ETC-WT8045N24P3 Datasheet
447Kb / 25P
   Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
WT8045N24P4 ETC-WT8045N24P4 Datasheet
447Kb / 25P
   Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
WT8045N24P5 ETC-WT8045N24P5 Datasheet
447Kb / 25P
   Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
More results

Similar Description - WT8043N20P7

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8501 PTC-PT8501 Datasheet
163Kb / 4P
   Synchronous Signal Discriminator for Multi-Sync Display Monitor
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
   SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
List of Unclassifed Man...
WT8045 ETC-WT8045 Datasheet
447Kb / 25P
   Synchronous Signal Discriminator and Power Saving Detector for Green Monitor
logo
Rohm
BA7078AF ROHM-BA7078AF_1 Datasheet
306Kb / 6P
   Sync.Seperator/Sync. Detector IC for Multi-Sync. Monitor
logo
Sony Corporation
CXA1616N SONY-CXA1616N Datasheet
496Kb / 20P
   Sync Discriminator for CRT Displays
CXA2016S SONY-CXA2016S Datasheet
183Kb / 12P
   Sync Identification for CRT Display
CXD1159Q SONY-CXD1159Q Datasheet
190Kb / 10P
   SYNC. SIGNAL GENERATOR FOR CAMERA
CXD1159AQ SONY-CXD1159AQ Datasheet
448Kb / 10P
   Sync Signal Generator for Camera
logo
List of Unclassifed Man...
CDB455C3 ETC2-CDB455C3 Datasheet
175Kb / 1P
   Discriminator for communication
logo
Hitachi Semiconductor
HD44007A HITACHI-HD44007A Datasheet
724Kb / 14P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com