Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79428DCQR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79428DCQR
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79428DCQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS79428DCQR Datasheet HTML 3Page - Texas Instruments TPS79428DCQR Datasheet HTML 4Page - Texas Instruments TPS79428DCQR Datasheet HTML 5Page - Texas Instruments TPS79428DCQR Datasheet HTML 6Page - Texas Instruments TPS79428DCQR Datasheet HTML 7Page - Texas Instruments TPS79428DCQR Datasheet HTML 8Page - Texas Instruments TPS79428DCQR Datasheet HTML 9Page - Texas Instruments TPS79428DCQR Datasheet HTML 10Page - Texas Instruments TPS79428DCQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
IOUT = 10 mA
IOUT = 250 mA
VIN = 4.3 V,
VOUT = 3.3 V,
CIN = 1 µF,
COUT = 2.2 µF,
CNR = 0.01 µF
40
20
10
10
100
1 k
10 k
60
70
Frequency (Hz)
90
100 k
1 M
10 M
0
30
50
80
IOUT = 10 mA
IOUT = 250 mA
VIN = 4.3 V,
VOUT = 3.3 V,
CIN = 1 µF,
COUT = 10 µF,
CNR = 0.01 µF
40
20
10
10
100
1 k
10 k
60
70
Frequency (Hz)
90
100 k
1 M
10 M
0
30
50
80
IOUT = 10 mA
IOUT = 250 mA
VIN = 4.3 V,
VOUT = 3.3 V,
CIN = 1 µF,
COUT = 2.2 µF,
CNR = 0.1 µF
40
20
10
10
100
1 k
10 k
60
70
Frequency (Hz)
90
100 k
1 M
10 M
0
30
50
80
0
250
−50
0
50
0
30
60
90
120
150
180
210
Time (
µs)
VIN = 4.3 V,
COUT = 10 µF
di
dt +
0.02A
ms
V_Enable
3
Time (
µs)
0
240
160
80
320 400
560
480
640 720 800
1
2
0
0
2
4
CNR = 0.0047 µF
VIN = 4.3 V,
VOUT = 3.3 V,
IOUT = 250 mA,
COUT = 2.2 µF
CNR = 0.001 µF
Time (
µs)
−30
−20
−10
0
10
4.5
5.0
5.5
6.0
0
100
200
300
400
500
IOUT = 250 mA,COUT = 10 µF,
CNR = 0.1 µF, dv/dt = 1 V/µs
0
50
100
150
200
0
250
TA = 125°C
TA = 25°C
TA = −40°C
IOUT (mA)
25 50
75 100 125 150 175 200 225
0
50
100
150
200
250
2.5
3.5
4.0
TA = 125°C
TA = 25°C
VIN (V)
COUT = 10 µF,
CNR = 0.01 µF,
IOUT = 250 mA
3.0
4.5
5.0
TA = −40°C
−0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
1.4
2.8
4.2
5.6
7.0
8.4
9.8
VOUT
VIN
t (ms)
VOUT = 2.5 V,
RL = 10 Ω
TPS79401, TPS79418
TPS79425, TPS79428
TPS79430, TPS79433
SLVS349D – NOVEMBER 2001 – REVISED OCTOBER 2004
TYPICAL CHARACTERISTICS (continued)
TPS79433 RIPPLE REJECTION
TPS79433 RIPPLE REJECTION
TPS79433 RIPPLE REJECTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 11.
Figure 12.
Figure 13.
TPS79433 OUTPUT VOLTAGE,
ENABLE VOLTAGE
vs
TPS79433
TPS79433
TIME (START-UP)
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 14.
Figure 15.
Figure 16.
TPS79433 DROPOUT VOLTAGE
TPS79401 DROPOUT VOLTAGE
TPS79425
vs
vs
POWER-UP/POWER-DOWN
OUTPUT CURRENT
INPUT VOLTAGE
Figure 17.
Figure 18.
Figure 19.
7


Similar Part No. - TPS79428DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79428DCQR TI1-TPS79428DCQR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79428DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79418 TI-TPS79418_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79430 TI-TPS79430_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com