Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W541E200 Datasheet(PDF) 9 Page - Winbond

Part # W541E200
Description  4 BIT FLASH EPROM MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W541E200 Datasheet(HTML) 9 Page - Winbond

Back Button W541E200 Datasheet HTML 5Page - Winbond W541E200 Datasheet HTML 6Page - Winbond W541E200 Datasheet HTML 7Page - Winbond W541E200 Datasheet HTML 8Page - Winbond W541E200 Datasheet HTML 9Page - Winbond W541E200 Datasheet HTML 10Page - Winbond W541E200 Datasheet HTML 11Page - Winbond W541E200 Datasheet HTML 12Page - Winbond W541E200 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary W541E20X
Publication Release Date: June 2003
- 9 -
Revision A2
PACKAGE DIAMENSIONS
18-Lead PDIP (300 mil)
1.63
1.47
0.064
0.058
Symbol
Min.
Nom.
Max
Max.
Nom.
Min
Dimension in inch
Dimension in mm
A
B
c
D
e
A
L
S
A
A
1
2
E
0.060
1.52
0.175
4.45
0.010
0.125
0.016
0.130
0.018
0.135
0.022
3.18
0.41
0.25
3.30
0.46
3.43
0.56
0.008
0.120
0.375
0.010
0.130
0.014
0.140
0.20
3.05
0.25
3.30
0.36
3.56
0.255
0.250
0.245
6.48
6.35
6.22
9.53
7.62
7.37
7.87
0.300
0.290
0.310
2.29
2.54
2.79
0.090
0.100
0.110
B1
1
e
E1
0.900
0.910
22.86
23.11
015
0.055
1.40
0.355
0.335
8.51
9.02
15
0
Seating Plane
A
e
2
A
c
E
Base Plane
1
A
1
e
L
A
S
1
E
D
1
B
B
18
10
1
9
£\
£\


Similar Part No. - W541E200

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
W541E204G TALEMA-W541E204G Datasheet
165Kb / 14P
   Oscillation frequency up to 4 MHz , Crystal or RC oscillator is selected by mask code option
More results

Similar Description - W541E200

ManufacturerPart #DatasheetDescription
logo
Winbond
W541E260 WINBOND-W541E260 Datasheet
75Kb / 11P
   4-BIT FLASH EPROM MICROCONTROLLER
W741E204 WINBOND-W741E204 Datasheet
541Kb / 84P
   4-BIT FLASH MICROCONTROLLER
W741E260 WINBOND-W741E260 Datasheet
554Kb / 94P
   4-BIT FLASH MICROCONTROLLER
W741E20X WINBOND-W741E20X Datasheet
531Kb / 84P
   4-BIT FLASH MICROCONTROLLER
logo
Sanyo Semicon Device
LC66E408 SANYO-LC66E408 Datasheet
392Kb / 16P
   4-bit Microcontroller with Built-in EPROM
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
logo
Motorola, Inc
MC68705R3 MOTOROLA-MC68705R3 Datasheet
1Mb / 20P
   8-Bit EPROM Microcontroller Unit
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F_1 Datasheet
857Kb / 63P
   16-Bit CMOS Single-Chip Microcontroller with 128 KByte Flash EPROM
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com