Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE1414 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XE1414
Description  Worldwide 14.4 KBPS Modem Module for Embedded Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE1414 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XE1414 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE1414 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE1414 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1414 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1414 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1414 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1414 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1414 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE1414 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
XECOM
(4)
XE1414C
Parameter
Min
Typ
Max
Units
Comments
XE1414C ELECTRICAL SPECIFICATIONS
VCC
4.75
5.25
Volts
ICC
140
160
180
ma
On Line
40
ma
Sleep Mode
Ring Voltage Detected
38
150
RMS
Type B Ringer
Ring Frequency Detected
15.3
68
Hz
Type B Ringer
Telephone Loop Current
20
100
ma
Off-Hook
Data Transmit level
-11.0
-10.0
-9.0
dBm
DTMF Transmit Level
-2.5
0
dBm
Avg over 3 second interval
SUPPLY VOLTAGE - Vcc
+6.5 Volts
DC INPUT VOLTAGE
-0.6 Volts to +6.5 Volts
STORAGE TEMPERATURE RANGE
-25° C TO +85° C
LEAD TEMPERATURE (Soldering, 2 sec per wave)
260° C
OPERATING TEMPERATURE RANGE 1
0 TO 70° C
*Exceeding these values may result in permanent damage to the device.
1 Extended Operating Temperature (-40
° to +85° C) available. Order XE1414C-ITR
XE1414C ABSOLUTE MAXIMUM RATINGS
PIN NAME
DESCRIPTION
XE1414C PIN DESCRIPTIONS
38
\DCD
Data Carrier Detect, Output Active Low, TTL/CMOS. The &C command sets the function of \DCD. In the
default state \DCD activates when a valid carrier is detected.
39
\DSR
Data Set Ready, Output, active Low, TTL/CMOS. &S sets the \DSR function. In the default condition, AT&S0,
\DSR is forced true.
40
Vcc
+5 Volts


Similar Part No. - XE1414

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1401 ETC1-XE1401 Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
XE1401B ETC1-XE1401B Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
XE1401F ETC1-XE1401F Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
XE1401G ETC1-XE1401G Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
XE1401I ETC1-XE1401I Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
More results

Similar Description - XE1414

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE5614L ETC1-XE5614L Datasheet
67Kb / 17P
   Compact 56 KBPS Modem Module for Embedded Applications
XE3314L ETC2-XE3314L Datasheet
58Kb / 16P
   Compact 33.6 KBPS Modem Module for Embedded Applications
logo
OKI electronic componet...
MSM7564-01 OKI-MSM7564-01 Datasheet
198Kb / 28P
   A Single Chip 14.4 kbps Data & Fax Modem
MSC2121A OKI-MSC2121A Datasheet
469Kb / 77P
   14.4 kbps Full Duplex Modem Chip Set With Built-in Protocols
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
logo
Clare, Inc.
CPC2400E CLARE-CPC2400E Datasheet
117Kb / 18P
   Embedded Modem Module
logo
Synaptics Incorporated.
CX06833 CONEXANT-CX06833 Datasheet
211Kb / 2P
   Controller-Based Modem for Embedded Applications
CX86500 CONEXANT-CX86500 Datasheet
184Kb / 6P
   SCXV.92/V.34/V.32bis Modem / Controller-based Modem with Worldwide SmartDAA 3 Line Side Device for Embedded Applications
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com