Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPC3200A Datasheet(PDF) 8 Page - Micronas

Part # VPC3200A
Description  Comb Filter Video Processor
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3200A Datasheet(HTML) 8 Page - Micronas

Back Button VPC3200A Datasheet HTML 4Page - Micronas VPC3200A Datasheet HTML 5Page - Micronas VPC3200A Datasheet HTML 6Page - Micronas VPC3200A Datasheet HTML 7Page - Micronas VPC3200A Datasheet HTML 8Page - Micronas VPC3200A Datasheet HTML 9Page - Micronas VPC3200A Datasheet HTML 10Page - Micronas VPC3200A Datasheet HTML 11Page - Micronas VPC3200A Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
8
Micronas
2. Functional Description
2.1. Analog Video Front-End
This block provides the analog interfaces to all video
inputs and mainly carries out analog-to-digital conver-
sion for the following digital video processing. A block
diagram is given in Fig. 2–1.
Most of the functional blocks in the front-end are digi-
tally controlled (clamping, AGC, and clock-DCO). The
control loops are closed by the Fast Processor (‘FP’)
embedded in the decoder.
2.1.1. Input Selector
Up to five analog inputs can be connected. Four inputs
are for composite video or S-VHS luma signal. These
inputs are clamped to the sync back porch and are ampli-
fied by a variable gain amplifier. One input is for connec-
tion of S-VHS carrier-chrominance signal. This input is
internally biased and has a fixed gain amplifier. A second
S-VHS chroma signal can be connected video-input
VIN1.
2.1.2. Clamping
The composite video input signals are AC coupled to
the IC. The clamping voltage is stored on the coupling
capacitors and is generated by digitally controlled cur-
rent sources. The clamping level is the back porch of
the video signal. S-VHS chroma is also AC coupled.
The input pin is internally biased to the center of the
ADC input range.
2.1.3. Automatic Gain Control
A digitally working automatic gain control adjusts the
magnitude of the selected baseband by +6/–4.5 dB in
64 logarithmic steps to the optimal range of the ADC.
The gain of the video input stage including the ADC is
213 steps/V with the AGC set to 0 dB.
2.1.4. Analog-to-Digital Converters
Two ADCs are provided to digitize the input signals.
Each converter runs with 20.25 MHz and has 8 bit res-
olution. An integrated bandgap circuit generates the
required reference voltages for the converters. The two
ADCs are of a 2-stage subranging type.
2.1.5. Digitally Controlled Clock Oscillator
The clock generation is also a part of the analog front
end. The crystal oscillator is controlled digitally by the
control processor; the clock frequency can be adjusted
within
±150 ppm.
2.1.6. Analog Video Output
The input signal of the Luma ADC is available at the
analog video output pin. The signal at this pin must be
buffered by a source follower. The output voltage is
2 V, thus the signal can be used to drive a 75
Ω line.
The magnitude is adjusted with an AGC in 8 steps
together with the main AGC.
Fig. 2–1: Analog front-end
VIN3
VIN2
VIN1
CIN
VIN4
bias
ADC
ADC
gain
clamp
frequency
reference
generation
DVCO
±150
ppm
AGC
+6/–4.5 dB
digital CVBS or Luma
digital Chroma
system clocks
20.25 MHz
Analog Video
Output
CVBS/Y
CVBS/Y
CVBS/Y
CVBS/Y/C
C


Similar Part No. - VPC3200A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
VPC3230 TOSHIBA-VPC3230 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - VPC3200A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7152 PHILIPS-SAA7152 Datasheet
69Kb / 15P
   Digital Video Comb Filter DCF
August 1996
logo
Mitsubishi Electric Sem...
M52005P MITSUBISHI-M52005P Datasheet
411Kb / 8P
   COMB FILTER Y/C PROCESSOR,CORING
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
logo
Renesas Technology Corp
TW9909 RENESAS-TW9909 Datasheet
209Kb / 2P
   5x10-Bit Multi-Standard 3D Comb Filter Video Processor with SCART and RGB Mixing Support
TW9919 RENESAS-TW9919 Datasheet
240Kb / 2P
   5x10-Bit Multi-Standard 3D Comb Filter Video Processor with SCART and RGB Mixing Support
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com