Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRA00 Datasheet(PDF) 9 Page - STMicroelectronics

Part # XRA00
Description  UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRA00 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button XRA00 Datasheet HTML 5Page - STMicroelectronics XRA00 Datasheet HTML 6Page - STMicroelectronics XRA00 Datasheet HTML 7Page - STMicroelectronics XRA00 Datasheet HTML 8Page - STMicroelectronics XRA00 Datasheet HTML 9Page - STMicroelectronics XRA00 Datasheet HTML 10Page - STMicroelectronics XRA00 Datasheet HTML 11Page - STMicroelectronics XRA00 Datasheet HTML 12Page - STMicroelectronics XRA00 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9/40
XRA00
Table 2. Request Modulation Pulse Parameters for North American Operation (
−20 to 55°C)
Symbol
Description
Min
Max
Units
FC
UHF Carrier Frequency
900
930
MHz
t0
Master Clock Time Period for a single bit sent to the XRA00
12.5
16.6
µs
T0Tol
Master Clock Time Period Tolerance
-1
+1
%
1/t0
Request Frame Data Rate (1/t0)
60
80
Kbps
Tfwhm0
Pulse Modulation Width of Binary Data 0 at 50% Level
1/8 * T0
µs
Tfwhm1
Pulse Modulation Width of Binary Data 1 at 50% Level
3/8 * T0
µs
TfwhmBin
Pulse Modulation Width of Bin Pulse at 50% Level
3/8 * T0
µs
Ttrangap
Pulse Modulation Width of Transaction Gap at 50% Level
10/8 * T0
µs
TfwhmBinRW
Bin Response Window at 50% Level
4*T0
8*T0
µs
Ttransetup
Delay between Transaction Gap and Data Modulation Windows
64
µs
Ttranhold
Delay before the next Transaction Gap
2.5*T0
2000
µs
tf
Pulse Modulation Fall Time (90% to 10% level)
300
ns
tr
Pulse Modulation Rise Time (10% to 90% level)
300
ns
Ripple
Ripple
10
%
MOD
Pulse Modulation Depth
80
100
%
tCoast
Delay between Request EOF and the next Transaction Gap
20
ms
tReset
RF Off time to Power down a XRA00
200
µs


Similar Part No. - XRA00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XRA ETC2-XRA Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
XRA-NM ETC2-XRA-NM Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XRAG2 STMICROELECTRONICS-XRAG2 Datasheet
68Kb / 8P
   UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
XRAG2 STMICROELECTRONICS-XRAG2_08 Datasheet
336Kb / 33P
   432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
logo
WJ Communication. Inc.
MPR5000 WJCI-MPR5000 Datasheet
546Kb / 2P
   EPC Class 0/1 and 0 with Integral UHF Antenna
logo
SHENZHEN FUMAN ELECTRON...
FMXC50 FUMAN-FMXC50 Datasheet
1,004Kb / 18P
   Contactless IC
logo
EM Microelectronic - MA...
EM4069 EMMICRO-EM4069 Datasheet
261Kb / 15P
   128 bit Read/Write Contactless Identification Device with OTP function
logo
Texas Instruments
RI-UHF-IC116-00 TI-RI-UHF-IC116-00 Datasheet
567Kb / 9P
[Old version datasheet]   SMT EPC Gen2 IC
logo
STMicroelectronics
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI2K STMICROELECTRONICS-SRI2K Datasheet
816Kb / 45P
   13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_09 Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB512-AT STMICROELECTRONICS-ST25TB512-AT Datasheet
817Kb / 44P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com