Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331SN3T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # LMV331SN3T1G
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV331SN3T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LMV331SN3T1G Datasheet HTML 6Page - ON Semiconductor LMV331SN3T1G Datasheet HTML 7Page - ON Semiconductor LMV331SN3T1G Datasheet HTML 8Page - ON Semiconductor LMV331SN3T1G Datasheet HTML 9Page - ON Semiconductor LMV331SN3T1G Datasheet HTML 10Page - ON Semiconductor LMV331SN3T1G Datasheet HTML 11Page - ON Semiconductor LMV331SN3T1G Datasheet HTML 12Page - ON Semiconductor LMV331SN3T1G Datasheet HTML 13Page - ON Semiconductor LMV331SN3T1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LMV331, NCV331, LMV393, LMV339
http://onsemi.com
10
POSITIVE TRANSITION INPUT − VCC = 5.0 V
Figure 16. 10 mV Overdrive
Timebase
−400
200 ns/div
2.00 kS
1.0 GS/s
Trigger
Stop
−11.5 mV
Edge
Positive
Figure 17. 20 mV Overdrive
Timebase
−300
100 ns/div
1.00 kS
1.0 GS/s
Trigger
Stop
−49.5 mV
Edge
Positive
Figure 18. 100 mV Overdrive
Trigger
Stop
18 mV
Edge
Positive
Timebase
−150
100 ns/div
1.00 kS
1.0 GS/s


Similar Part No. - LMV331SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV331SN3T1G ONSEMI-LMV331SN3T1G Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
LMV331SN3T1G ONSEMI-LMV331SN3T1G Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results

Similar Description - LMV331SN3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
Texas Instruments
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
ams AG
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970 Datasheet
147Kb / 2P
   Low-Voltage Single/Dual/Quad Comparators
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com