Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # LMV324DR2G
Description  Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV324DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  LMV324DR2G Datasheet HTML 1Page - ON Semiconductor LMV324DR2G Datasheet HTML 2Page - ON Semiconductor LMV324DR2G Datasheet HTML 3Page - ON Semiconductor LMV324DR2G Datasheet HTML 4Page - ON Semiconductor LMV324DR2G Datasheet HTML 5Page - ON Semiconductor LMV324DR2G Datasheet HTML 6Page - ON Semiconductor LMV324DR2G Datasheet HTML 7Page - ON Semiconductor LMV324DR2G Datasheet HTML 8Page - ON Semiconductor LMV324DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LMV321, LMV358, LMV324
www.onsemi.com
5
5.0 V DC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 5.0 V,
RL = 1 MW, V= 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Offset Voltage
VIO
TA = −40°C to +85°C
1.7
9
mV
Input Offset Voltage Average Drift
TCVIO
TA = −40°C to +85°C
5
mV/°C
Input Bias Current (Note 3)
IB
TA = −40°C to +85°C
< 1
nA
Input Offset Current (Note 3)
IIO
TA = −40°C to +85°C
< 1
nA
Common Mode Rejection Ratio
CMRR
0 V
v VCM v 4 V
50
65
dB
Power Supply Rejection Ratio
PSRR
2.7 V
v V+ v 5 V,
VO = 1 V, VCM = 1 V
50
60
dB
Input Common−Mode Voltage Range
VCM
For CMRR
w 50 dB
0 to 4
−0.2 to 4.2
V
Large Signal Voltage Gain (Note 3)
AV
RL = 2 kW
15
100
V/mV
TA = −40°C to +85°C
10
Output Swing
VOH
RL = 2 kW to 2.5 V
TA = −40°C to +85°C
VCC − 300
VCC − 400
VCC − 40
mV
VOL
RL = 2 kW to 2.5 V (Note 3)
TA = −40°C to +85°C
120
300
400
mV
VOH
RL = 10 kW to 2.5 V (Note 3)
TA = −40°C to +85°C
VCC − 100
VCC − 200
mV
VOL
RL = 10 kW to 2.5 V
TA = −40°C to +85°C
65
180
280
mV
Output Short Circuit Current
IO
Sourcing = VO = 0 V (Note 3)
Sinking = VO = 5 V (Note 3)
10
10
60
160
mA
Supply Current
ICC
LMV321
TA = −40°C to +85°C
130
250
350
mA
LMV358 Both Amplifiers
TA = −40°C to +85°C
210
440
615
LMV324 All Four Amplifiers
TA = −40°C to +85°C
410
830
1160
5.0 V AC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 5.0 V,
RL = 1 MW, V= 0 V, VO = V+/2)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Slew Rate
SR
1
V/
ms
Gain Bandwidth Product
GBWP
CL = 200 pF
1
MHz
Phase Margin
Qm
60
°
Gain Margin
Gm
10
dB
Input−Referred Voltage Noise
en
f = 50 kHz
50
nV/
√Hz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Guaranteed by design and/or characterization.


Similar Part No. - LMV324DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV324DR2G ONSEMI-LMV324DR2G Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV324DR2G ONSEMI-LMV324DR2G Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
More results

Similar Description - LMV324DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
   Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
   Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
LMV821 ONSEMI-LMV821_15 Datasheet
462Kb / 13P
   Single and Quad Low Voltage, Rail-to-Rail Operational Amplifiers
May, 2015 ??Rev. 3
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
OP295 AD-OP295_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
OP295 AD-OP295_06 Datasheet
399Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP495 AD-OP495_15 Datasheet
376Kb / 16P
   Dual/Quad Rail-to-Rail Operational Amplifiers
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com