Part Name
         Description
YMF724

 high performance audio controller for the PCI Bus ( 50 Page)


YAMAHA
100% 
Zoom Out Zoom In
 6 page
background image
YMF724F
January 14, 1999
-6-
6. Miscellaneous (15-pin)
name
I/O
type
Size
function
ROMCS
O
T
3mA
Chip select for external EEPROM
ROMSK / VOLUP#
IO
Tup
3mA
Serial clock for external EEPROM
or Hardware Volume (Up)
ROMDO / VOLDW#
IO
Tup
3mA
Serial data output for external EEPROM
or Hardware Volume (Down)
ROMDI / TEST2#
I
Tup
-
Serial data input for external EEPROM or Test pin
(Do not connect externally when EEPROM is not.)
XI24
I
C
-
24.576 MHz Crystal
XO24
O
C
2mA
24.576 MHz Crystal
TEST[7:4,1:0]#
I
Tup
-
Test pins (Do not connect externally)
TEST3#
IO
Tup
3mA
Test pin (Connect to ground)
LOOPF[1:0]
-
-
-
Capacitor of PLL
Note) Hardware volume and EEPROM interface can not be used at the same time. When both hardware
volume and EEPROM are not used, do not connect these pins externally.
7. Power Supply (39-pin)
name
I/O
type
Size
function
PVDD[5:0]
-
-
-
Power supply for PCI Bus Interface (+5.0)
PVSS[14:0]
-
-
-
Ground for PCI Bus Interface
LVDD
-
-
-
Power supply for PLL Filter (+3.3)
LVSS
-
-
-
Ground for PLL Filter
VDD3[3:0]
-
-
-
Power supply (+3.3V)
VDD5[3:0]
-
-
-
Power supply (+5.0V)
VSS[7:0]
-
-
-
Ground
TYPE
T : TTL
A : Analog
Ptr : Tri-State PCI
Ttr : Tri-State TTL
C : CMOS
Pstr : Sustained Tri-Sate PCI
Tup : Pull up (Max. 300kohm) TTL
P : PCI
Pod : Open Drain PCI
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BT878Single-Chip Video and Broadcast Audio Capture for the PCI Bus 1 2 3 4 5 MoreList of Unclassifed Manufacturers
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
S3C72C8The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
CMI8788High Performance PCI Audio Processor 1 2 3 4 5 MoreC-Media Electronics
KS57C5616The KS57C5616/P5616 single-chip CMOS microcontroller is designed for high performance in the application for Caller-ID Telephone using Samsungs newes 1 2 3 4 5 MoreSamsung semiconductor
S3C72F5The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
CMI8787High Performance PCI Audio Processor 1 2 3 4 5 MoreC-Media Electronics
S3C72G9The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl