Electronic Components Datasheet Search |
|
B1514A Datasheet(PDF) 9 Page - Keysight Technologies |
|
B1514A Datasheet(HTML) 9 Page - Keysight Technologies |
9 / 36 page 09 | Keysight | B1500A Semiconductor Device Analyzer - Data Sheet Voltage range, resolution, and accuracy (high speed ADC) Voltage range Force resolution Measure resolution Force accuracy¹ Measure accuracy¹ Maximum current ±2 V 100 µV 100 µV ±(0.018 % + 400 µV) ±(0.01 % + 700 µV) 1 A ±20 V 1 mV 1 mV ±(0.018 % + 3 mV) ±(0.01 % + 4 mV) 1 A ±40 V 2 mV 2 mV ±(0.018 % + 6 mV) ±(0.015 % + 8 mV) 500 mA ±100 V 5 mV 5 mV ±(0.018 % + 15 mV) ±(0.02 % + 20 mV) 125 mA ±200 V 10 mV 10 mV ±(0.018 % + 30 mV) ±(0.035 % + 40 mV) 50 mA 1. ± (% of read value + offset voltage V) HPSMU Module Specifications Voltage range, resolution, and accuracy (high resolution ADC) Voltage range Force resolution Measure resolution Force accuracy¹ Measure accuracy¹ Maximum current ±2 V 100 µV 2 µV ±(0.018 % + 400 µV) ±(0.01 % + 140 µV) 1 A ±20 V 1 mV 20 µV ±(0.018 % + 3 mV) ±(0.009 % + 900 µV) 1 A ±40 V 2 mV 40 µV ±(0.018 % + 6 mV) ±(0.01 % + 1 mV) 500 mA ±100 V 5 mV 100 µV ±(0.018 % + 15 mV) ±(0.012 % + 2.5 mV) 125 mA ±200 V 10 mV 200 µV ±(0.018 % + 30 mV) ±(0.014 % + 2.8 mV) 50 mA 1. ± (% of read value + offset voltage V) Current range, resolution, and accuracy (high resolution ADC) Current range Force resolution Measure resolution¹ Force accuracy² Measure accuracy² Maximum voltage ±1 nA 50 fA 10 fA ±(0.1 %+300 fA+1 fA x Vo) ±(0.1 %+200 fA+1 fA x Vo) 200 V ±10 nA 500 fA 10 fA ±(0.1 %+3 pA+10 fA x Vo) ±(0.1 %+1 pA+10 fA x Vo) 200 V ±100 nA 5 pA 100 fA ±(0.05 %+30 pA+100 fA x Vo) ±(0.05 %+20 pA+100 fA x Vo) 200 V ±1 µA 50 pA 1 pA ±(0.05 %+300 pA+1 pA x Vo) ±(0.05 %+100 pA+1 pA x Vo) 200 V ±10 µA 500 pA 10 pA ±(0.05 %+3 nA+10 pA x Vo) ±(0.04 %+2 nA+10 pA x Vo) 200 V ±100 µA 5 nA 100 pA ±(0.035 %+15 nA+100 pA x Vo) ±(0.03 %+3 nA+100 pA x Vo) 200 V ±1 mA 50 nA 1 nA ±(0.04 %+150 nA+1 nA x Vo) ±(0.03 %+60 nA+1 nA x Vo) 200 V ±10 mA 500 nA 10 nA ±(0.04 %+1.5 µA+10 nA x Vo) ±(0.03 %+200 nA+10 nA x Vo) 200 V ±100 mA 5 µA 100 nA ±(0.045 %+15 µA+100 nA x Vo) ±(0.04 %+6 µA+100 nA x Vo) ³ ±1 A 50 µA 1 µA ±(0.4 %+300 µA+1 µA x Vo) ±(0.4 %+150 µA+1 µA x Vo) ³ 1. Specified measurement resolution is limited by fundamental noise limits. 2. ± (% of read value + offset current (fixed part determined by the output/measurement range + proportional part that is multiplied by Vo)) 3. 200 V (Io ≤ 50 mA), 100 V (50 mA < Io ≤ 125 mA), 40 V (125 mA < Io ≤ 500 mA), 20 V (500 mA < Io ≤ 1 A), Io is the output current in Amps. |
Similar Part No. - B1514A |
|
Similar Description - B1514A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |