Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2901A Datasheet(PDF) 7 Page - Keysight Technologies

Part # B2901A
Description  B2900A Series Precision Source/Measure Unit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

B2901A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button B2901A Datasheet HTML 3Page - Keysight Technologies B2901A Datasheet HTML 4Page - Keysight Technologies B2901A Datasheet HTML 5Page - Keysight Technologies B2901A Datasheet HTML 6Page - Keysight Technologies B2901A Datasheet HTML 7Page - Keysight Technologies B2901A Datasheet HTML 8Page - Keysight Technologies B2901A Datasheet HTML 9Page - Keysight Technologies B2901A Datasheet HTML 10Page - Keysight Technologies B2901A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
07 | Keysight | B2900A Series Precision Source/Measure Unit – Data Sheet
SCPI commands provide compatibility and versatility
Standard Commands for Programmable Instruments (SCPI) are
a popular and easy-to-understand instrument control protocol.
The Keysight B2900A Series supports two SCPI command sets,
conventional and default, to provide both code compatibility and
flexibility. The conventional command set has a large number of
its commands compatible with those of older SMUs (such as the
Keithley 2400) to minimize code conversion work. The default
command set supports advanced Keysight B2900A Series
features and they should be used to fully utilize its performance
and capabilities.
Best-in-class measurement throughput
Although an excellent R&D tool, the Keysight B2900A Series
is also well-suited for production test. It can achieve excellent
accuracy and repeatability at even short integration times. The
B2900A Series possesses the fastest measurement speed of any
SMU in its class.
Program memory and trace buffer features
improve throughput
To reduce bus communication time, the B2900A Series
supports a program memory feature that allows long strings
of SCPI commands to be stored on the instrument. These code
sequences can be executed by sending a single command
across the communication bus, greatly improving throughput for
frequently executed command strings.In addition, the B2900A
Series supports a trace buffer that can store up to 100,000 data
points. This allows the results from multiple measurements to
be downloaded at once, thereby reducing data transfer time and
also improving overall throughput.
Ultra Fast Throughput Lowers Cost-of-test
Keysight B2900A Series SMU
Maximum sweep operation reading rate per second
(Source/measure to GPIB at 50 Hz)
0
Readings per second
2500 5000 7500 10000 12500 15000
Conventional system SMU-A
Conventional system SMU-B
Conventional bench-top SMU-C
FAST!


Similar Part No. - B2901A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B290 DIODES-B290 Datasheet
44Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. A-2
B290 DIODES-B290 Datasheet
265Kb / 3P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
B290-13-F DIODES-B290-13-F Datasheet
265Kb / 3P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
logo
Weitron Technology
B290A WEITRON-B290A Datasheet
92Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B290AE DIODES-B290AE Datasheet
377Kb / 5P
   2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B2901A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
B2911A KEYSIGHT-B2911A Datasheet
5Mb / 24P
   B2900A Series Precision Source/Measure Unit
B2912A KEYSIGHT-B2912A Datasheet
5Mb / 24P
   B2900A Series Precision Source/Measure Unit
logo
National Instruments Co...
PXI-4132 NI-PXI-4132 Datasheet
880Kb / 5P
   100 V Precision Source Measure Unit (SMU)
logo
Keysight Technologies
U2722A KEYSIGHT-U2722A Datasheet
2Mb / 15P
   Modular Source Measure Unit
U2723A KEYSIGHT-U2723A Datasheet
2Mb / 15P
   Modular Source Measure Unit
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
logo
Analog Devices
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com