Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1008HQ-82N_ Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1008HQ-82N_
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1008HQ-82N_ Datasheet(HTML) 1 Page - Frontier Electronics.

  1008HQ-82N_ Datasheet HTML 1Page - Frontier Electronics. 1008HQ-82N_ Datasheet HTML 2Page - Frontier Electronics. 1008HQ-82N_ Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1008HQ Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS Rev. A
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
ELECTRICAL SPECIFICATIONS
:
P/N
L
(nH)
Tol.
L Test Freq.
(MHz)
Q
Min.
Q Test
Freq.
(MHz)
SRF
Min. (GHz)
DCR
Max. ()
Rated Current
Max. (A)
1
st Color
2
nd Color
3
rd Color
1008HQ-3N0_
3.0
J
50
70
1500
8.10
0.04
1.6
ORANGE
BLACK
BLACK
1008HQ-4N1_
4.1
J
50
75
1500
6.20
0.05
1.6
YELLOW
BROWN
BLACK
1008HQ-7N8_
7.8
J
50
75
500
3.80
0.05
1.6
VIOLET
GRAY
BLACK
1008HQ-10N_
10
J, G
50
60
500
3.60
0.06
1.6
BROWN
BLACK
BROWN
1008HQ-12N_
12
J, G
50
70
500
2.80
0.06
1.5
BROWN
RED
BROWN
1008HQ-18N_
18
J, G
50
62
350
2.70
0.07
1.4
BROWN
GRAY
BROWN
1008HQ-22N_
22
J, G
50
62
350
2.05
0.07
1.4
RED
RED
BROWN
1008HQ-33N_
33
J, G
50
75
350
1.70
0.09
1.3
ORANGE
ORANGE
BROWN
1008HQ-36N_
36
J, G
50
65
350
1.40
0.09
1.3
ORANGE
BLUE
BROWN
1008HQ-39N_
39
J, G
50
75
350
1.30
0.09
1.3
ORANGE
WHITE
BROWN
1008HQ-47N_
47
J, G
50
75
350
1.45
0.12
1.2
YELLOW
VIOLET
BROWN
1008HQ-56N_
56
J, G
50
75
350
1.23
0.12
1.2
GREEN
BLUE
BROWN
1008HQ-68N_
68
J, G
50
80
350
1.15
0.13
1.1
BLUE
GRAY
BROWN
1008HQ-82N_
82
J, G
50
80
350
1.06
0.16
1.1
GRAY
RED
BROWN
1008HQ-R10_
100
J, G
50
62
350
0.82
0.16
1.0
BROWN
BLACK
RED
DIMENSIONS: mm (inch)
Series
a
b
c
d
e
f
g
1008HQ
2.92
(0.115)
2.03
(0.080)
2.79
(0.110)
0.51
(0.020)
1.27
(0.050)
2.54
(0.10)
1.02
(0.0402)
Tol.
Max.
Max.
Max.
0.05
(0.00196)
Typ.
Typ.
Typ.
GENERAL INFORMATION:
P/N: 1008HQ-xxx_, 1008” = EIA Case Size, “HQ” = Ultra High-Q, “xxx” = Inductance, “_” = Tolerance (G: ± 2%, J: ± 5%, K: ± 10%)
Core material: Ceramic
Operating temperature: -40C to +125ºC
Maximum Temperature Rise: 15°C (when measured at 25°C ambient)
Inductance & Q measured with HP4287A with 16197A test fixture
Inductance & Q measured with HP8753E/HP4291B with 16193A/ENA5071C or equivalent test fixture
DCR measured using Zentech 502BC or its equivalent
MSL: Level 1
COLOR CODES:
Parts are marked with 3 dots.
Dots 1 and 2 indicate the inductance in nano-Henries.
Dot 3 indicates number of zeroes
Ultra High SRF and Ultra High-Q Wire Wound Ceramic Core Chip Inductors
Inductance: 3.0 ~ 100nH
Case size: 1008 EIA, 2520 Metric. Tin plated termination.
0 = Black
5=Green
1 = Brown
6= Blue
2 = Red
7 = Violet
3 = Orange
8 = Gray
4 = Yellow
9 = White


Similar Part No. - 1008HQ-82N_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008HQ-82NXFLB COILCRAFT-1008HQ-82NXFLB Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008HQ-82NXFLC COILCRAFT-1008HQ-82NXFLC Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008HQ-82NXFLD COILCRAFT-1008HQ-82NXFLD Datasheet
93Kb / 2P
   Chip Inductors - 1008HQ (2520)
1008HQ-82NXGLB COILCRAFT-1008HQ-82NXGLB Datasheet
127Kb / 2P
   Chip Inductors - 1008HQ (2520)
logo
RF Micro Devices
1008HQ-82NXGLC RFMD-1008HQ-82NXGLC Datasheet
1Mb / 11P
   225MHz TO 1215MHz, 9W GaN WIDEBAND
More results

Similar Description - 1008HQ-82N_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
   SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com