Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603HQ-R12_ Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 0603HQ-R12_
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0603HQ-R12_ Datasheet(HTML) 2 Page - Frontier Electronics.

  0603HQ-R12_ Datasheet HTML 1Page - Frontier Electronics. 0603HQ-R12_ Datasheet HTML 2Page - Frontier Electronics. 0603HQ-R12_ Datasheet HTML 3Page - Frontier Electronics. 0603HQ-R12_ Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0603HQ Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS Rev. A
Frontier Electronics Corp.
®
Page 2 of 4
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
DIMENSIONS: mm (inch)
Series
a
b
c
d
e
f
g
h
0603HQ
1.7
(0.0670)
1.02
(0.0402)
0.90
(0.0354)
0.33
(0.01299)
0.64
(0.0252)
1.02
(0.0402)
0.64
(0.0252)
1.02
(0.0402)
Tol.
±0.1
(0.0039)
±0.1
(0.0039)
±0.1
(0.0039)
±0.05
(0.0019)
Typ.
Typ.
Typ.
Typ.
GENERAL INFORMATION:
P/N: 0603HQ-xxx_, “0603” = EIA Case Size, “HQ” = Ultra High-Q, “xxx” = Inductance, “_” = Tolerance (G: ± 2%, J: ± 5%, K: ± 10%)
Core material: Ceramic
Operating temperature: -40C to +125ºC
Maximum Temperature Rise: 15°C (when measured at 25°C ambient)
Inductance & Q measured with HP4287A with 16197A test fixture
Inductance & Q measured with HP8753E/HP4291B with 16193A/ENA5071C or equivalent test fixture
DCR measured using Zentech 502BC or its equivalent
MSL: Level 1


Similar Part No. - 0603HQ-R12_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603HC COILCRAFT-0603HC Datasheet
230Kb / 2P
   Chip Inductors
0603HC-10NXGLU COILCRAFT-0603HC-10NXGLU Datasheet
104Kb / 2P
   Chip Inductors - 0603HC (1608)
0603HC-10NXGLW COILCRAFT-0603HC-10NXGLW Datasheet
104Kb / 2P
   Chip Inductors - 0603HC (1608)
0603HC-10NX_L COILCRAFT-0603HC-10NX_L Datasheet
230Kb / 2P
   Chip Inductors
0603HC-12NXGLU COILCRAFT-0603HC-12NXGLU Datasheet
104Kb / 2P
   Chip Inductors - 0603HC (1608)
More results

Similar Description - 0603HQ-R12_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
   SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com