Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJPF04N80 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJPF04N80
Description  Plastic-Encapsulate MOSFETS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJPF04N80 Datasheet(HTML) 2 Page - ZP Semiconductor

  CJPF04N80 Datasheet HTML 1Page - ZP Semiconductor CJPF04N80 Datasheet HTML 2Page - ZP Semiconductor CJPF04N80 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
800
V
Zero gate voltage drain current
IDSS
VDS =800V, VGS =0V
10
µA
Gate-body leakage current (note2)
IGSS
VDS =0V, VGS =±30V
±
100
nA
On characteristics (note2)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =250µA
3
5
V
Static drain-source on-resistance
RDS(on)
VGS =10V, ID =2.0A
3.0
Dynamic characteristics (note 3)
Input capacitance
Ciss
880
Output capacitance
Coss
100
Reverse transfer capacitance
Crss
VDS =25V,VGS =0V,f =1MHz
12
pF
Switching characteristics (note 2,3)
Total gate charge
Qg
25
Gate-source charge
Qgs
4.2
Gate-drain charge
Qgd
VDS =640V,VGS =10V,ID =4.0A
9.1
nC
Turn-on delay time
td(on)
40
Turn-on rise time
tr
100
Turn-off delay time
td(off)
80
Turn-off fall time
tf
VDD=400V, VGS=10V,
RG=25Ω, ID =4.0A
80
ns
Sourceource-drain diode characteristics
Maximum diode forward continuous current
IS
4
A
Maximum diode forward pulse current
ISM
16
A
Diode forward voltage
VSD
IS=4A,VGS=0V
1.4
V
Notes :
1.
L=20mH, IL=4 A, VDD=50V, VGS=10V,RG=25Ω,Starting TJ=25
℃.
2.
Pulse Test : Pulse width≤300µs, duty cycle ≤2%.
3.
These parameters have no way to verify.
2 of 3
sales@zpsemi.com
www.zpsemi.com
CJPF04N80


Similar Part No. - CJPF04N80

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJPF04N80 JIANGSU-CJPF04N80 Datasheet
1Mb / 4P
   N-Channel Power MOSFET
More results

Similar Description - CJPF04N80

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
   Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
   Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
   Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
   Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
   Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
   Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
   Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
   Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
   Plastic-Encapsulate MOSFETS
logo
Shenzhen Tuofeng Semico...
TF8205 TUOFENG-TF8205_V01 Datasheet
1Mb / 6P
   Plastic-Encapsulate MOSFETS
Oct 2020 V1.1
logo
DONGGUAN YOU FENG WEI E...
2N7002KV YFWDIODE-2N7002KV Datasheet
1Mb / 4P
   Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com