Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5260A Datasheet(PDF) 6 Page - Keysight Technologies

Part # E5260A
Description  Precision Current-Voltage Analyzer Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E5260A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button E5260A Datasheet HTML 2Page - Keysight Technologies E5260A Datasheet HTML 3Page - Keysight Technologies E5260A Datasheet HTML 4Page - Keysight Technologies E5260A Datasheet HTML 5Page - Keysight Technologies E5260A Datasheet HTML 6Page - Keysight Technologies E5260A Datasheet HTML 7Page - Keysight Technologies E5260A Datasheet HTML 8Page - Keysight Technologies E5260A Datasheet HTML 9Page - Keysight Technologies E5260A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
06 | Keysight | Precision Current-Voltage Analyzer Series - Technical Overview
The Most Accurate and Unparalleled Measurement
Range on the Market, from 0.1 fA to 1500 A/10 kV
A broad dynamic range is covered by the auto-ranging
and sweep capabilities
The IV characteristic can curve across multiple levels in most cases. Because
the SMU in IV analyzer supports the built-in sweep operation in either DC step or
pulsed step, it is extremely useful in performing IV measurements and drawing
the IV curve in a single operation. In addition, SMU supports the auto-ranging
capability that can change the measurement ranges automatically according to
the measured value. These capabilities allow you to quickly obtain the full lV
curve with the best accuracy.
Wide range to cover from 0.1 fA ultra low current to high
voltage/current up to 1500 A/10 kV
The SMU’s close integration of source and measurement circuitry reduces cable
connections, and lowers measurement errors such as noise. The SMU’s intrinsic
low noise level, active guard technology and triaxial connection enable low current
measurement down to 0.1 fA. In conjunction with the sweep and auto-ranging
capabilities, the IV analyzer enable accurate IV characterization for a wide dynamic
range from sub-ρA to A level across multiple levels.
The precision IV analyzer series offers a wide selection of SMU differentiated by
the output coverage, low current performance and price range for low to mid
power range. In addition, the advanced device analzyer offers more speciic
measurement capabilities and a greater output range for high power applications.
The wide line-up allows to choose the best IV characterizatin solution to meet
your needs from the application, performance, and cost view points.
Voltage
Range
Fixed range (1µA)
Auto range
Sweep capability with auto-ranging
enables accurate measurement
in the wide band.
Auto-ranging in sweep measurement
1pA
1nA
1mA
1µA
On wafer MOS FET measurement example by different SMUs
Economic IV Analyzer
MPSMU of Precision IV and Advanced Analyzer
SMU with ASU of Precision IV and Advanced Analyzer
HRSMU of Precision IV and Advanced Analyzer
(*) Measurement results after the
zero offset cancel function for
the Precision IV and Advanced
Analyzers, and offset subtraction
by user for Economic IV Analyzer.


Similar Part No. - E5260A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E5262A KEYSIGHT-E5262A Datasheet
1Mb / 15P
   2 Channel IV Analyzer/Source Monitor Unit
E5263A KEYSIGHT-E5263A Datasheet
1Mb / 15P
   2 Channel IV Analyzer/Source Monitor Unit
logo
Pulse A Technitrol Comp...
E5264-Y0L034-L PULSE-E5264-Y0L034-L Datasheet
538Kb / 6P
   Pulse Connectors
E5266-001-01-L PULSE-E5266-001-01-L Datasheet
146Kb / 1P
   TOP ENTRY SMD
E5266-7007S2-L PULSE-E5266-7007S2-L Datasheet
538Kb / 6P
   Pulse Connectors
More results

Similar Description - E5260A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4294A HP-4294A Datasheet
1,002Kb / 32P
   Precision Impedance Analyzer
logo
Keysight Technologies
CX1205A KEYSIGHT-CX1205A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1202A KEYSIGHT-CX1202A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX3322A KEYSIGHT-CX3322A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1203A KEYSIGHT-CX1203A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
E5270B KEYSIGHT-E5270B Datasheet
1Mb / 20P
   Precision IV Analyzer/8 Slot Precision Measurement Mainframe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com