Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28303-1YMP Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC28303-1YMP
Description  50V, 3A Power Module
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303-1YMP Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC28303-1YMP Datasheet HTML 3Page - Microchip Technology MIC28303-1YMP Datasheet HTML 4Page - Microchip Technology MIC28303-1YMP Datasheet HTML 5Page - Microchip Technology MIC28303-1YMP Datasheet HTML 6Page - Microchip Technology MIC28303-1YMP Datasheet HTML 7Page - Microchip Technology MIC28303-1YMP Datasheet HTML 8Page - Microchip Technology MIC28303-1YMP Datasheet HTML 9Page - Microchip Technology MIC28303-1YMP Datasheet HTML 10Page - Microchip Technology MIC28303-1YMP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005464A-page 7
MIC28303
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Efficiency vs. Output
Current (MIC28303-1).
FIGURE 2-2:
Efficiency vs. Output
Current (MIC28303-2).
FIGURE 2-3:
Thermal Derating
(MIC28303-2).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
TABLE 2-1:
RECOMMENDED COMPONENT VALUES FOR 275KHZ SWITCHING FREQUENCY
VOUT
VIN
R3
(Rinj)
R19
R15
R1
(Top
Feedback
Resistor)
R11
(Bottom
Feedback
Resistor)
C10
(Cinj)
C12
(Cff)
COUT
5V
7V to 18V
16.5 kΩ
75 kΩ 3.57 kΩ
10 kΩ
1.9 kΩ
0.1 µF
2.2 nF
2 x 47 µF/6.3V
5V
18V to 50V 39.2 kΩ
75 kΩ 3.57 kΩ
10 kΩ
1.9 kΩ
0.1 µF
2.2 nF
2 x 47 µF/6.3V
3.3V
5V to 18V
16.5 kΩ
75 kΩ 3.57 kΩ
10 kΩ
3.24 kΩ
0.1 µF
2.2 nF
2 x 47 µF/6.3V
3.3V
18V to 50V 39.2 kΩ
75 kΩ 3.57 kΩ
10 kΩ
3.24 kΩ
0.1 µF
2.2 nF
2 x 47 µF/6.3V


Similar Part No. - MIC28303-1YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28303-1YMP MICREL-MIC28303-1YMP Datasheet
2Mb / 33P
   50V 3A Power Module
More results

Similar Description - MIC28303-1YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28303-1 MICREL-MIC28303-1 Datasheet
2Mb / 33P
   50V 3A Power Module
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
   Power Transistor (-50V, -3A)
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
   Power Transistor (-50V, -3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
   Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
   Power Transistor -50V, -3A
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
   Power Transistor (50V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
147Kb / 4P
   Power Transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
   Power Transistor (-50V, -3A)
logo
Rohm
2SD1760 ROHM-2SD1760 Datasheet
77Kb / 3P
   Power Transistor 50V, 3A
2SD1760 ROHM-2SD1760_09 Datasheet
176Kb / 4P
   Power Transistor (50V, 3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com