Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28303-1YMP Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC28303-1YMP
Description  50V, 3A Power Module
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303-1YMP Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC28303-1YMP Datasheet HTML 4Page - Microchip Technology MIC28303-1YMP Datasheet HTML 5Page - Microchip Technology MIC28303-1YMP Datasheet HTML 6Page - Microchip Technology MIC28303-1YMP Datasheet HTML 7Page - Microchip Technology MIC28303-1YMP Datasheet HTML 8Page - Microchip Technology MIC28303-1YMP Datasheet HTML 9Page - Microchip Technology MIC28303-1YMP Datasheet HTML 10Page - Microchip Technology MIC28303-1YMP Datasheet HTML 11Page - Microchip Technology MIC28303-1YMP Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MIC28303
DS20005464A-page 8
 2016 Microchip Technology Inc.
FIGURE 2-4:
VIN Operating Supply vs.
Input Voltage (MIC28303-1).
FIGURE 2-5:
Output Regulation vs. Input
Voltage (MIC28303-1).
FIGURE 2-6:
Output Voltage vs. Input
Voltage (MIC28303-1).
FIGURE 2-7:
VIN Operating Supply
Current vs. Temperature (MIC28303-1).
FIGURE 2-8:
Load Regulation vs.
Temperature (MIC28303-1).
FIGURE 2-9:
Line Regulation vs.
Temperature (MIC28303-1).


Similar Part No. - MIC28303-1YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28303-1YMP MICREL-MIC28303-1YMP Datasheet
2Mb / 33P
   50V 3A Power Module
More results

Similar Description - MIC28303-1YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28303-1 MICREL-MIC28303-1 Datasheet
2Mb / 33P
   50V 3A Power Module
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
   Power Transistor (-50V, -3A)
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
   Power Transistor (-50V, -3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
   Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
   Power Transistor -50V, -3A
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
   Power Transistor (50V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
147Kb / 4P
   Power Transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
   Power Transistor (-50V, -3A)
logo
Rohm
2SD1760 ROHM-2SD1760 Datasheet
77Kb / 3P
   Power Transistor 50V, 3A
2SD1760 ROHM-2SD1760_09 Datasheet
176Kb / 4P
   Power Transistor (50V, 3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com