Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GH5610-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # GH5610-LF
Description  Compliance with ROHS requirements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

GH5610-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  GH5610-LF Datasheet HTML 1Page - Bothhand USA, LP. GH5610-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 BASE –T QUAD PORT
MAGNETICS MODULES
P/N: GH5610 LF DATA SHEET
BOTHHAND USA
Page : 1/2
A0(12/12)
Feature
l
Designed for long haul gigabit Ethernet 1000 BASE-T, full
duplex applications.
l
Supports 16 pairs of category 5 UTP cable.
l
Cable interface for isolation and low common mode
emissions.
l
Compliant with IEEE 802.3at standard for 1000 BASE-T.
l
Compliance with ROHS requirements.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +85℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation (dB Min)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
OCL (uH Min)
@100KHz/0.1V
with18mA DC Bias
30MHz
60MHz
100MHz
HI-POT
(Vrms)
GH5610 LF
1CT:1CT
1CT:1CT
350
200
-40
-35
-30
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min @100Ω)
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz
100MHz
30MHz 60MHz 100MHz
GH5610 LF
-1.0
-18
-14.4
-13.1
-12
-10
-43
-37
-33
Schematic
www.bothhandusa.com


Similar Part No. - GH5610-LF

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GH561K MALLORY-GH561K Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results

Similar Description - GH5610-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
PG4P219RBNY-LF BOTHHAND-PG4P219RBNY-LF Datasheet
769Kb / 2P
   Compliance with ROHS requirements.
20PT1024SX-LF BOTHHAND-20PT1024SX-LF Datasheet
92Kb / 2P
   Compliance with ROHS requirements
G4P209N-1-LF BOTHHAND-G4P209N-1-LF Datasheet
820Kb / 2P
   Compliance with ROHS requirements
G2PM109N1-LF BOTHHAND-G2PM109N1-LF Datasheet
316Kb / 2P
   Compliance with ROHS requirements
G2PM109RNM-LF BOTHHAND-G2PM109RNM-LF Datasheet
308Kb / 2P
   Compliance with ROHS requirements
G4P829N-LF BOTHHAND-G4P829N-LF Datasheet
382Kb / 2P
   Compliance with ROHS requirements
20PT1024RX-LF BOTHHAND-20PT1024RX-LF Datasheet
232Kb / 2P
   Compliance with ROHS requirements
G2P041X-LF BOTHHAND-G2P041X-LF Datasheet
289Kb / 2P
   Compliance with ROHS requirements
G4P109RNY-LF BOTHHAND-G4P109RNY-LF Datasheet
747Kb / 2P
   Compliance with ROHS requirements
PG2P829RNZ-LF BOTHHAND-PG2P829RNZ-LF Datasheet
320Kb / 2P
   Compliance with ROHS requirements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com