Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCC250-24U-4PE Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LCC250-24U-4PE
Description  250 Watts Convection/Conduction Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCC250-24U-4PE Datasheet(HTML) 3 Page - Artesyn Technologies

  LCC250-24U-4PE Datasheet HTML 1Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 2Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 3Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 4Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 5Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 6Page - Artesyn Technologies LCC250-24U-4PE Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LCC250 Data Sheet
1. Output ripple measured at the end of the output cable terminated with 10 μF tantalum cap in parallel with 0.1 μF ceramic capacitor.
2. 12 V: 1% limit is achieved with 2X 820 uF/16 V external cap (e.g. PLG1C821MDO1 from Nichicon or equivalent). Otherwise, maximum
limits are 1.5% at Ta ≥ 0 °C and 2.0% max at Ta < 0 °C.
3. 24 V: 1% limit is achieved with 2X 820 uF/35 V external cap (e.g. UPM1V821MHD1TO from Nichicon or equivalent). Otherwise,
maximum limits are 1.5% at Ta ≥ -10 °C. 2.0% max ripple at Ta < -10 °C is met with below external capacitance:
4. 48 V: 1% limit is achieved with 3X 470 uF/63 V external cap. Otherwise, maximum limits are 1.5% max at Ta ≥ 0 °C and 2% max at
Ta < 0 °C.
5. Safety Approvals: China CCC approval applies to part numbers with “-xxE” suffixes only.
6. 12 V unit requires external filtering for MIL-STD-461E compliance. Consult Artesyn Technical Support.
7. Warranty: 2 years
Ordering Information
Model Number
Output
Adjustment Range
Output Current
Output Ripple
P/P1
Line/
Load Regulation
Min
Max
LCC250-12U-4P
12 V
±10%
0 A
20.8 A
1% 2
±2%
LCC250-12U-4PE
12 V
±10%
0 A
20.8 A
1% 2
±2%
LCC250-12U-7P
12 V
±10%
0 A
20.8 A
1% 2
±2%
LCC250-12U-7PE
12 V
±10%
0 A
20.8 A
1% 2
±2%
LCC250-24U-4P
24 V
+14.6 / -15%
0 A
10.4 A
1% 3
±2%
LCC250-24U-4PE
24 V
+14.6 / -15%
0 A
10.4 A
1% 3
±2%
LCC250-24U-7P
24 V
+14.6 / -15%
0 A
10.4 A
1% 3
±2%
LCC250-24U-7PE
24 V
+14.6 / -15%
0 A
10.4 A
1% 3
±2%
LCC250-48U-4P
48 V
±15%
0 A
5.2 A
1% 4
±2%
LCC250-48U-4PE
48 V
±15%
0 A
5.2 A
1% 4
±2%
LCC250-48U-7P
48 V
±15%
0 A
5.2 A
1% 4
±2%
LCC250-48U-7PE
48 V
±15%
0 A
5.2 A
1% 4
±2%
Ambient Temperature (°C)
-20
-25
-30
-35
-40
Recommended External Capacitors (μF)
1000
2200
3300
12000
22000


Similar Part No. - LCC250-24U-4PE

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCC2-14BW-CUST PANDUIT-LCC2-14BW-CUST Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
logo
Vishay Siliconix
LCC20AE1000BT0 VISHAY-LCC20AE1000BT0 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT1 VISHAY-LCC20AE1000BT1 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT3 VISHAY-LCC20AE1000BT3 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
More results

Similar Description - LCC250-24U-4PE

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
logo
List of Unclassifed Man...
27160 ETC-27160 Datasheet
101Kb / 1P
   Effective with radiation, convection and conduction heat transfer
logo
Artesyn Technologies
LCC600-48U-9P ARTESYN-LCC600-48U-9P Datasheet
1Mb / 8P
   600 Watts Conduction Cooling
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
   250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
   250 Watts
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
   250 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
   250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
   250 Watts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com