Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N6705B Datasheet(PDF) 8 Page - Keysight Technologies

Part # N6705B
Description  DC Power Analyzer Mainframes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N6705B Datasheet(HTML) 8 Page - Keysight Technologies

Back Button N6705B Datasheet HTML 4Page - Keysight Technologies N6705B Datasheet HTML 5Page - Keysight Technologies N6705B Datasheet HTML 6Page - Keysight Technologies N6705B Datasheet HTML 7Page - Keysight Technologies N6705B Datasheet HTML 8Page - Keysight Technologies N6705B Datasheet HTML 9Page - Keysight Technologies N6705B Datasheet HTML 10Page - Keysight Technologies N6705B Datasheet HTML 11Page - Keysight Technologies N6705B Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Each DC power output on the Keysight
N6705 DC power analyzer can be
modulated by the module’s built-in
arbitrary waveform generator. This permits
the output to act as a DC bias transient
generator or power arbitrary waveform
generator. The maximum bandwidth
is based on the type of module that
is installed (basic, high-performance,
precision, and SMU). Refer to the Keysight
N6700 Modular Power System Family
Specifications Guide* for the bandwidth of
each DC power module.
The Keysight N6705 uses run length
encoding, where each point in the
waveform is defined by the voltage setting
and the dwell time or duration to stay at
that setting. Waveforms can be generated
by specifying only a small number of
points. For example, a pulse would only
take three points to define it.
The Keysight N6705 offers the following
waveform choices (see table below).
For each waveform, you can set it to
repeat continuously or you can specify the
number of times the waveform is repeated.
Arbitrary Waveform Generator
For example, to generate a pulse train of
10 identical pulses, you can program the
parameters for one pulse and then specify
that you want it to repeat 10 times.
For user-defined voltage and current
waveforms, you can download up to 512
setpoints of voltage or current. For each
setpoint, a dwell time is specified and
output will stay (i.e., dwell) at that setpoint
for the programmed dwell time value. For
each of the 512 setpoints in the user-de-
fined waveform, you can have a different
dwell time from 0 to 262 seconds with 1
microsecond resolution. The module will
step through the user-defined table of
values, staying at each setpoint for the
programmed dwell time, and then it will
move on to the next point. User-defined
waveforms can be imported from a CSV
file or directly entered from the front panel
of the DC power analyzer.
Constant-dwell voltage or current
waveforms can also be generated, with up
to 64000 programmable points.
Arbitrary waveform (voltage or current)
Number of points per waveform
Sine
100 points
Step
2 points
Ramp
100 points
Pulse
3 points
Stepped ramp (or staircase)
Determined by the number of steps programmed
Exponential
100 points
Trapezoid
100 points
User-defined waveform
(where the output is a voltage or current
source)
Up to 512 points with point-by-point adjustable dwell
Constant-dwell waveform
Up to 64,000 points with programmable dwell (same
for all points)
Figure 9. Once you have selected a
waveform, you simply fill in the blanks to
describe the waveform.
Figure 8. The Arb Selection menu is used
to select which pre-programmed waveform
will be applied to the output of the DC
power module. Each of the four outputs can
have a different waveform applied.
* Complete specifications are available at http://literature.cdn.keysight.com/litweb/pdf/N6700-90001.pdf
8 | Keysight | N6700 Modular Power System Family - Data Sheet


Similar Part No. - N6705B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6700 KEYSIGHT-N6700 Datasheet
1Mb / 57P
   Keysight N6700 Modular Power System Family
March 2017
N6700C-N6705C KEYSIGHT-N6700C-N6705C Datasheet
1Mb / 57P
   Keysight N6700 Modular Power System Family
March 2017
logo
List of Unclassifed Man...
N6708A ETC2-N6708A Datasheet
502Kb / 20P
   Modular Power System Family
More results

Similar Description - N6705B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N6715B KEYSIGHT-N6715B Datasheet
3Mb / 24P
   DC Power Analyzer Mainframes
N6746B KEYSIGHT-N6746B Datasheet
1Mb / 57P
   Mainframes
N6776A KEYSIGHT-N6776A Datasheet
1Mb / 57P
   Mainframes
N6775A KEYSIGHT-N6775A Datasheet
1Mb / 57P
   Mainframes
N6735B KEYSIGHT-N6735B Datasheet
1Mb / 57P
   Mainframes
N6774A KEYSIGHT-N6774A Datasheet
1Mb / 57P
   Mainframes
N6777A KEYSIGHT-N6777A Datasheet
1Mb / 57P
   Mainframes
N6773A KEYSIGHT-N6773A Datasheet
1Mb / 57P
   Mainframes
logo
ASM GmbH
3390 ASM-SENSOR-3390 Datasheet
3Mb / 16P
   POWER ANALYZER
logo
TEKTRONIX, INC.
PA3000 TEKTRONIX-PA3000 Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com