Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEB45US12 Datasheet(PDF) 2 Page - XP Power Limited

Part # AEB45US12
Description  36-100Watts AEBSeries
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEB45US12 Datasheet(HTML) 2 Page - XP Power Limited

  AEB45US12 Datasheet HTML 1Page - XP Power Limited AEB45US12 Datasheet HTML 2Page - XP Power Limited AEB45US12 Datasheet HTML 3Page - XP Power Limited AEB45US12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AEB36-100
Models­and­Ratings
Output Power
Output Voltage
Output Current
Load Regulation(1)
Efficiency(4)
Model Number(3)
45 W
12.0 V
3.75 A
±3%
84%
AEB45US12
45 W
15.0 V
3.00 A
±3%
85%
AEB45US15
45 W
18.0 V
2.50 A
±2%
85%
AEB45US18
45 W
19.0 V
2.37 A
±2%
85%
AEB45US19
45 W
24.0 V
1.88 A
±2%
86%
AEB45US24
48 W
48.0 V
1.00 A
±2%
87%
AEB45US48
Notes
1. Load regulation is measured from 60% to full load and from 60% to 20% load (60% ±40% full load).
2. Measured at the output connector with a 0.1 µF ceramic capacitor and a 10 µF electrolytic capacitor.
3. For optional 500 VAC output to ground isolation add suffix ‘-F’ to model number.
4. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.
Output Power
Output Voltage
Output Current
Load Regulation(1)
Efficiency(4)
Model Number(3)
100 W
12.0 V
8.34 A
±4%
85%
AEB100PS12
100 W
12.5 V
8.00 A
±4%
85%
AEB100PS125
100 W
15.0 V
6.67 A
±4%
85%
AEB100PS15
100 W
24.0 V
4.17 A
±2%
85%
AEB100PS24
100 W
48.0 V
2.08 A
±2%
85%
AEB100PS48
Notes
1. Load regulation is measured from 60% to full load and from 60% to 20% load (60% ±40% full load).
2. Measured at the output connector with a 0.1 µF ceramic capacitor and a 10 µF electrolytic capacitor.
3. For optional 500 VAC output to ground isolation add suffix ‘-F’ to model number.
4. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.
AEB36
AEB45
AEB70
AEB100
Output Power
Output Voltage
Output Current
Load Regulation(1)
Efficiency(3)
Model Number
20 W
5.0 V
4.00 A
±6%
73%
AEB36US05
27 W
9.0 V
3.00 A
±5%
77%
AEB36US09
30 W
12.0 V
2.50 A
±5%
78%
AEB36US12
32 W
13.5 V
2.40 A
±5%
80%
AEB36US13
36 W
15.0 V
2.40 A
±3%
80%
AEB36US15
36 W
18.0 V
2.00 A
±2%
81%
AEB36US18
36 W
24.0 V
1.50 A
±2%
81%
AEB36US24
36 W
48.0 V
0.75 A
±2%
83%
AEB36US48
Notes
1. Load regulation is measured from 60% to full load and from 60% to 20% load (60% ±40% full load).
2. Measured at the output connector with a 0.1 µF ceramic capacitor and a 10 µF electrolytic capacitor.
3. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.
Output Power
Output Voltage
Output Current
Load Regulation(1)
Efficiency(5)
Model Number(3)
66 W
12.0 V
5.50 A
±5%
82%
AEB70US12
69 W
15.0 V
4.60 A
±3%
84%
AEB70US15(4)
70 W
18.0 V
3.90 A
±2%
84%
AEB70US18(4)
72 W
19.0 V
3.70 A
±2%
84%
AEB70US19(4)
72 W
24.0 V
3.00 A
±2%
85%
AEB70US24(4)
72 W
48.0 V
1.50 A
±2%
87%
AEB70US48(4)
Notes
1. Load regulation is measured from 60% to full load and from 60% to 20% load (60% ±40% full load).
2. Measured at the output connector with a 0.1 µF ceramic capacitor and a 10 µF electrolytic capacitor.
3. For optional 500 VAC output to ground isolation add suffix ‘-F’ to model number.
4. Energy efficiency level V.
5. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.


Similar Part No. - AEB45US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEB45US12 XPPOWER-AEB45US12 Datasheet
497Kb / 4P
   36-100 Watts
More results

Similar Description - AEB45US12

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-100 QUALTEK-QPD-100 Datasheet
2Mb / 2P
   100Watts Single Output
QGKF-100 QUALTEK-QGKF-100 Datasheet
244Kb / 2P
   100Watts Single Output
QPDF-100 QUALTEK-QPDF-100 Datasheet
3Mb / 2P
   100Watts Single Output
logo
Astec America, Inc
ALD12A48N-6SL ASTEC-ALD12A48N-6SL Datasheet
503Kb / 2P
   100Watts, Ultra High Efficiency
logo
Qualtek Electronics Cor...
PLC-100 QUALTEK-PLC-100 Datasheet
1Mb / 2P
   100Watts Single Output LED Driver
PLV-100 QUALTEK-PLV-100 Datasheet
1Mb / 2P
   100Watts Single Output LED Driver
logo
Vicor Corporation
V300B2C100A VICOR-V300B2C100A Datasheet
179Kb / 8P
   300Vin / 2Vout / 100Watts DC-DC Converter Module
V24C28C100A VICOR-V24C28C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V375C5C100A VICOR-V375C5C100A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V300C5C100B VICOR-V300C5C100B Datasheet
142Kb / 8P
   300Vin / 5Vout / 100Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com