Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC125 Datasheet(PDF) 1 Page - XP Power Limited

Part # CLC125
Description  125 Watts CLC Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CLC125 Datasheet(HTML) 1 Page - XP Power Limited

  CLC125 Datasheet HTML 1Page - XP Power Limited CLC125 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
125 Watts
125 W Forced cooled Rating
Low Profile 1.25”
Industry Standard 2” x 4” & 3” x 5” Package Sizes
12 V Fan Supply
Optional ORing Diode
<0.5 W No Load Input Power
3 Year Warranty
CLC Series
Input
Input Voltage
• 85-264 VAC (120-370 VDC),
Derate output power linearly to 90% from
90 VAC to 85 VAC
Input Frequency
• 47-63 Hz
Input Current
• 2.3 A typical at 115 VAC, full load
1.1 A typical at 230 VAC, full load
Inrush Current
• 40 A max at 230 VAC, cold start 25 °C
Power Factor
• EN61000-3-2, class A
No Load Input Power
• <0.5 W
Earth Leakage Current
• 80/160 µA typical 115/230 VAC 50 Hz
300 µA at 264 VAC/60 Hz max.
Input Protection
• Internal T5 A/250 V fuse in line
Output
Output Voltage
• 12-48 VDC (see tables)
Output Voltage Trim
• ±10%
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• 1 s typical
Start Up Rise Time
• 50 ms
Hold Up Time
• 16 ms min at 230 VAC
Drift
• ±0.2% after 20 min warm up
Line Regulation
• ±0.5% max
Load Regulation
• ±1%
Over/Undershoot
• 5% typical
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 50-75-50% load
change
Ripple & Noise
• 1% pk-pk V1, 20 MHz bandwidth
Overvoltage Protection
• 115-140% Vnom, recycle input to reset
Overload Protection
• 110-150%
Short Circuit Protection
• Continuous trip and restart (hiccup mode)
Temperature
• 0.05%/˚C
Coefficient
xppower.com
General
Efficiency
• 88% typical
Isolation
• 3000 VAC Input to Output, 1500 VAC
Input to Ground, 500 VDC Output to
Ground
Switching Frequency
• 65 KHz typical
MTBF
• 1,245 KHrs to Telecordia SR-332
at 25 °C, GB
Environmental
Operating Temperature
• 0 ˚C to +70 ˚C derate linearly from +50 ˚C
at 2.5%/˚C to 50% load at +70 ˚C.
Cooling
• Forced cooled, 10 CFM
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 ˚C to +85 ˚C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 kHz, 3 axes
EMC & Safety
Low Voltage PSU EMC
• EN61204-3, high severity level as below
Emissions
• EN55022 level B conducted
EN55022 level A radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• IEC60950-1 CB report, CSA 22.2
No. 60950-1, UL60950-1, TUV EN60950-1
Equipment Protection
• Class I
Class


Similar Part No. - CLC125

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Exar Corporation
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Cadeka Microcircuits LL...
CLC1200IDP8 CADEKA-CLC1200IDP8 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Exar Corporation
CLC1200IDP8 EXAR-CLC1200IDP8 Datasheet
1Mb / 15P
   Instrumentation Amplifier
logo
Cadeka Microcircuits LL...
CLC1200ISO8 CADEKA-CLC1200ISO8 Datasheet
1Mb / 15P
   Instrumentation Amplifier
More results

Similar Description - CLC125

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CLC175 XPPOWER-CLC175_12 Datasheet
240Kb / 2P
   175 Watts CLC Series
logo
Astec America, Inc
NTQ123-DC ASTEC-NTQ123-DC Datasheet
506Kb / 2P
   70-125 Watts
logo
List of Unclassifed Man...
CLC40 ETC-CLC40 Datasheet
66Kb / 4P
   Fllstandssensoren Schaltverstarker Baureihe CLC
logo
Anaren Microwave
RFP-125-50TS-S ANAREN-RFP-125-50TS-S Datasheet
262Kb / 2P
   Flangeless Termination 125 Watts, 50Ohms
logo
Power Mate Technology C...
QEB125 P-DUKE-QEB125 Datasheet
395Kb / 3P
   125 WATTS DC-DC CONVERTER
logo
Artesyn Technologies
LPS202-M ARTESYN-LPS202-M Datasheet
725Kb / 3P
   Total Power: 125 - 250 Watts
logo
Power Mate Technology C...
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
QEB125 P-DUKE-QEB125_14 Datasheet
395Kb / 3P
   125 WATTS DC-DC CONVERTER
logo
Anaren Microwave
A125N50X4 ANAREN-A125N50X4 Datasheet
324Kb / 2P
   Chip Termination 125 Watts, 50廓
logo
Wall Industries,Inc.
DCQEB125 WALL-DCQEB125 Datasheet
361Kb / 5P
   Up to 125 Watts Output Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com