Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEB45US48 Datasheet(PDF) 3 Page - XP Power Limited

Part # AEB45US48
Description  36-100Watts AEBSeries
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEB45US48 Datasheet(HTML) 3 Page - XP Power Limited

  AEB45US48 Datasheet HTML 1Page - XP Power Limited AEB45US48 Datasheet HTML 2Page - XP Power Limited AEB45US48 Datasheet HTML 3Page - XP Power Limited AEB45US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4.72
(120.0)
2.05
(52.0)
Cable length: 48” ±2”
(1220 mm ±50 mm)
0.47
(12.00)
1.22
(31.0)
IEC320-C14
AEB36/45
Mechanical­Details
4.33
(110.0)
Cable length: 48” ±2”
(1220 mm ±50 mm)
0.79
(20.0)
1.97
(50.0)
IEC320-C8
0.47
(12.00)
Notes
AEB36
Notes
Power Cord Order Part:
UK -
UK-MAINS-8
European -
EU-MAINS-8
US -
US-MAINS-8
AEB45
Power Cord Order Part:
UK -
UK-MAINS-IEC
European -
EU-MAINS-IEC
US -
US-MAINS-IEC
1. All dimensions shown in inches (mm).
2. Weight: 0.42 lbs (190 g) approx.
3. Tolerance is ±0.02 (±0.5) maximum, except output cable length.
4. Output connector is 5.5 mm dia. outer barrel, inner dia. is 2.5 mm with a center + and outer shell - polarity.
5. Optional output connectors available, contact sales for details.
6. Length of mains lead: 76 inches (1930 mm) approx
1. All dimensions shown in inches (mm).
2. Weight: 0.62 lbs (280 g) approx.
3. Tolerance is ±0.02 (±0.5) maximum, except output cable length.
4. Output connector is 5.5 mm dia. outer barrel, inner dia. is 2.5 mm with a center + and outer shell - polarity.
5. Optional output connectors available, contact sales for details.
6. Length of mains lead: 76 inches (1930 mm) approx


Similar Part No. - AEB45US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEB45US48 XPPOWER-AEB45US48 Datasheet
497Kb / 4P
   36-100 Watts
More results

Similar Description - AEB45US48

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPD-100 QUALTEK-QPD-100 Datasheet
2Mb / 2P
   100Watts Single Output
QGKF-100 QUALTEK-QGKF-100 Datasheet
244Kb / 2P
   100Watts Single Output
QPDF-100 QUALTEK-QPDF-100 Datasheet
3Mb / 2P
   100Watts Single Output
logo
Astec America, Inc
ALD12A48N-6SL ASTEC-ALD12A48N-6SL Datasheet
503Kb / 2P
   100Watts, Ultra High Efficiency
logo
Qualtek Electronics Cor...
PLC-100 QUALTEK-PLC-100 Datasheet
1Mb / 2P
   100Watts Single Output LED Driver
PLV-100 QUALTEK-PLV-100 Datasheet
1Mb / 2P
   100Watts Single Output LED Driver
logo
Vicor Corporation
V300B2C100A VICOR-V300B2C100A Datasheet
179Kb / 8P
   300Vin / 2Vout / 100Watts DC-DC Converter Module
V24C28C100A VICOR-V24C28C100A Datasheet
526Kb / 8P
   24Vin / 28Vout / 100Watts DC-DC Converter Module
V375C5C100A VICOR-V375C5C100A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V300C5C100B VICOR-V300C5C100B Datasheet
142Kb / 8P
   300Vin / 5Vout / 100Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com