Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS65US15 Datasheet(PDF) 3 Page - XP Power Limited

Part # ECS65US15
Description  65/100/130 Watts ECS Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS65US15 Datasheet(HTML) 3 Page - XP Power Limited

  ECS65US15 Datasheet HTML 1Page - XP Power Limited ECS65US15 Datasheet HTML 2Page - XP Power Limited ECS65US15 Datasheet HTML 3Page - XP Power Limited ECS65US15 Datasheet HTML 4Page - XP Power Limited ECS65US15 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4.00 (101.6)
4.50 (114.3)
3.75 (95.25)
J1
J2
0.37 (9.52)
1.75
(44.45)
1.01
(25.7)
0.125 (3.18)
0.20
(5.1)
0.10 (2.5)
C5
T1
C4
0.125 (3.18)
2.00
(50.8)
1.00
(25.4)
0.125 (3.18)
0.20 (5.1)
0.25 Faston
Ground Tab
4 X ø.156 (3.96) Mounting Holes
ø.312 (7.92) Clearance top and bottom
0.25 Faston Ground Tab
4 X ø.156 (3.96) Mounting Holes
ø.312 (7.92) Clearance top and bottom
1.01
(25.7)
Voltage
Adj.
1.750
(44.45)
J1
J2
3.750 (95.25)
Q1
0.20 (5.1)
0.20 (5.1)
2.00
(50.8)
1.25 (31.8)
0.14 (3.5)
SMD Component
Height
1.25 (31.8)
0.14 (3.5)
SMD Component
Height
1.00
(25.4)
ECS100
Models and Ratings
Mechanical Details
Derating Curve - ECS100 Models
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50);
.xxx = ±0.01 (0.25)
2. Weight: 0.386 lbs (175 g)
J1 mates with Molex Housing
PN 09-50-1031, J2 mates with
Molex Housing PN 09-50-1041
and both with Molex Series 5194
Crimp Terminals
Notes
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 4
RTN
1. For Class B radiated emissions models, add suffix -B to model number. For covered versions, add suffix ‘-C’ to model number or order part no. ECM40/60 COVER
KIT for standalone cover. Derate output power by 20% with cover. The cover is not suitable for Class II installations. ‘-C’ not available for ‘-B’ models.
Output Power
Output Voltage
Output Current
Model Number(1)
Forced Cooled (10 CFM)
Convection-cooled
100 W
80 W
12.0 VDC
8.3 A
ECS100US12
100 W
80 W
15.0 VDC
6.7 A
ECS100US15
100 W
80 W
18.0 VDC
5.5 A
ECS100US18
100 W
80 W
24.0 VDC
4.2 A
ECS100US24
100 W
80 W
28.0 VDC
3.6 A
ECS100US28
100 W
80 W
48.0 VDC
2.1 A
ECS100US48
+70
40
50
80
60
70
90
100
-20
+50
+40
+60
Ambient Temperature (ºC)
40
50
80
60
70
90
100
80
90
85
264
Input Voltage (VAC)
30
Force-cooled >10 CFM
Convection-cooled
Convection-cooled with cover
‘-B’Model


Similar Part No. - ECS65US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS65US15 XPPOWER-ECS65US15 Datasheet
673Kb / 5P
   65/100/130 Watts
More results

Similar Description - ECS65US15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS65US12 XPPOWER-ECS65US12 Datasheet
673Kb / 5P
   65/100/130 Watts
ECS60US05 XPPOWER-ECS60US05_16 Datasheet
1,016Kb / 4P
   25-60 Watts ECS Series
ECS60US05 XPPOWER-ECS60US05 Datasheet
405Kb / 4P
   2560 Watts ECS Series
logo
Integrated Power Design...
SRW-65 IPDPOWER-SRW-65 Datasheet
357Kb / 2P
   65 WATTS SRW-65 SERIES AC-DC
logo
Powerbox
PMP130 POWERBOX-PMP130 Datasheet
561Kb / 2P
   100 - 130 WATTS SINGLE OUTPUT AC/DC MEDICAL
logo
Wall Industries,Inc.
DTEM1120 WALL-DTEM1120 Datasheet
298Kb / 3P
   100 - 130 Watts, AC - DC Medical Desktop Power Supplies
logo
Artesyn Technologies
LPT101-M ARTESYN-LPT101-M Datasheet
664Kb / 4P
   Total Power: 80 - 130 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
logo
Emerson Network Power
LPT100-M EMERSON-NETWORKPOWER-LPT100-M Datasheet
371Kb / 3P
   130 Watts Medical and ITE safeties
logo
Qualtek Electronics Cor...
QADA-65-12 QUALTEK-QADA-65-12 Datasheet
617Kb / 2P
   65/72 Watts Single Output Desktop
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com