Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMH Datasheet(PDF) 1 Page - XP Power Limited

Part # EMH
Description  250 W & 350 W Forced-cooled
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EMH Datasheet(HTML) 1 Page - XP Power Limited

  EMH Datasheet HTML 1Page - XP Power Limited EMH Datasheet HTML 2Page - XP Power Limited EMH Datasheet HTML 3Page - XP Power Limited EMH Datasheet HTML 4Page - XP Power Limited EMH Datasheet HTML 5Page - XP Power Limited EMH Datasheet HTML 6Page - XP Power Limited EMH Datasheet HTML 7Page - XP Power Limited EMH Datasheet HTML 8Page - XP Power Limited EMH Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
The EMH series of ultra compact high power density supplies deliver 250 W and 350W within the industry standard
3” x 5” (76mm x 127mm) footprint. They achieve this very high power density with a minimal 12 CFM forced air
requirement and a profile of just 1.4” (36 mm) making them suitable for 1U and a host of other applications.
All models feature a main output and 12V/0.6A fan supply output along with IEC60950 (IT) and IEC60601 BF (Medical)
family safety approvals, thus including patient contact equipment in the wide range of possible applications.
The EMH350 has a 5V/2A standby rail and can be supplied with a range of optional analogue and digital, PMBus
compatible signals as well as a variable speed fan & cover. The EMH350D models have built in Oring diodes for use in
redundant applications.
250 W & 350 W Forced-cooled
Industry Standard 3”x 5”x 1.43”Format
IT & Medical (BF) Approvals
80 V - 275 VAC Operation
Optional ORing Diode (EMH350D Models)
Analog & PMBus Signals Options (EMH350)
5 V Standby (EMH350)
3 Year Warranty
EMH Series


Similar Part No. - EMH

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
EMH-54-Q48N-C MURATA-EMH-54-Q48N-C Datasheet
1Mb / 15P
   Isolated, 54Vout, 3A, Ethernet Power Half-Brick DC/DC Converters
logo
Rohm
EMH1 ROHM-EMH1 Datasheet
67Kb / 2P
   General purpose (dual digital transistors)
EMH1 ROHM-EMH1 Datasheet
70Kb / 3P
   General purpose (dual digital transistors)
EMH1 ROHM-EMH1 Datasheet
76Kb / 3P
   General purpose (dual digital transistors)
EMH1 ROHM-EMH1 Datasheet
71Kb / 3P
   General purpose (dual digital transistors)
More results

Similar Description - EMH

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
   150/225 W Convection/ Forcedcooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
logo
Bel Fuse Inc.
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
logo
CUI INC
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
logo
XP Power Limited
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
   100 W - Baseplate Cooled
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com