Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMH350PS48 Datasheet(PDF) 7 Page - XP Power Limited

Part # EMH350PS48
Description  250 W & 350 W Forced-cooled
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EMH350PS48 Datasheet(HTML) 7 Page - XP Power Limited

Back Button EMH350PS48 Datasheet HTML 3Page - XP Power Limited EMH350PS48 Datasheet HTML 4Page - XP Power Limited EMH350PS48 Datasheet HTML 5Page - XP Power Limited EMH350PS48 Datasheet HTML 6Page - XP Power Limited EMH350PS48 Datasheet HTML 7Page - XP Power Limited EMH350PS48 Datasheet HTML 8Page - XP Power Limited EMH350PS48 Datasheet HTML 9Page - XP Power Limited EMH350PS48 Datasheet HTML 10Page - XP Power Limited EMH350PS48 Datasheet HTML 11Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
xppower.com
Xxxxxxxxxx
7
Safety Agency Approvals
Equipment Protection Class
Safety Standard
Notes & Conditions
Class I & BF
IEC60950-1:2005 Ed 2 & IEC60601-1 Ed 3
See safety agency conditions of
acceptability for details
Safety Agency
Safety Standard
Category
CB Report
UL Cert #US/TBA/UL, IEC60950-1:2005 Ed 2
Information Technology
UL
UL File # E139109-AXX-UL, UL60950-1 (2007), CSA 22.2 No.60950-1-07 Ed 2
Information Technology
TUV
TUV Certificate # TBA, EN60950-1:2006
Information Technology
CE
LVD
Safety Agency
Safety Standard
Category
CB Report
Certificate #US/18274/UL, IEC60601-1 Ed 3 Including Risk Management
Medical
UL
UL File # E146893, ANSI/AAMI ES 60601-1:2005 & CSA C22.2 No. 60601-1:08
Medical
TUV
TUV EN60601-1:2006
Medical
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
0
+70
°C
Derate linearly from +50 °C at 2.5%/°C to
50% at 70 °C. (See Thermal Considerations)
Storage Temperature
-40
+85
°C
Cooling
12
CFM
Forced-cooled, see Thermal Considerations
& Mechanical details
Humidity
5
95
%RH
Non-condensing
Operating Altitude
3000
m
Shock
3 x 30 g/11 ms shocks in both +ve & -ve
directions along the 3 orthogonal axis,
total 18 shocks.
Vibration
Three axis 5-500 Hz at 2 g x 10 sweeps
Electromagnetic Compatibility - Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Low Voltage PSU EMC
EN61204-3
High severity level
as below
Harmonic Current
EN61000-3-2
Class A
Radiated
EN61000-4-3
3A
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Dips and Interruptions
EN61000-4-11
Dip:
30% 10 ms
A
Dip:
60% 100 ms
B
Dip: 100% 5000 ms
B
EN60601-1-2
(EN61000-4-11)
Dip:
30% 500 ms
A
Dip:
60% 100 ms
A
Requires load derating to approx 50% with
100 VAC input.
Dip:
100% 10 ms
A
Int.: >95% 5000 ms
B
Electromagnetic Compatibility - Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55011/22
Class B
Radiated
EN55011/22
Class A
See EMC report
Voltage Fluctuations
EN61000-3-3
Means of Protection
Category
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3
Primary to Earth
1 x MOPP (Means of Patient Protection)
Secondary to Earth
1 x MOPP (Means of Patient Protection)


Similar Part No. - EMH350PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
EMH350PS48 XPPOWER-EMH350PS48 Datasheet
1Mb / 9P
   250/350 Watts EMH Series
EMH350PS48D XPPOWER-EMH350PS48D Datasheet
1Mb / 9P
   250/350 Watts EMH Series
More results

Similar Description - EMH350PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
   150/225 W Convection/ Forcedcooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
logo
Bel Fuse Inc.
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
   350 W with Forced Air Cooling & 200 W with Convection Cooling
logo
CUI INC
VF-D250-DXXA CUI-VF-D250-DXXA Datasheet
466Kb / 5P
   up to 250 W continuous power w/ 16 CFM forced air
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
logo
XP Power Limited
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
   100 W - Baseplate Cooled
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com