Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDS1500PS48 Datasheet(PDF) 5 Page - XP Power Limited

Part # HDS1500PS48
Description  AC-DC Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

HDS1500PS48 Datasheet(HTML) 5 Page - XP Power Limited

  HDS1500PS48 Datasheet HTML 1Page - XP Power Limited HDS1500PS48 Datasheet HTML 2Page - XP Power Limited HDS1500PS48 Datasheet HTML 3Page - XP Power Limited HDS1500PS48 Datasheet HTML 4Page - XP Power Limited HDS1500PS48 Datasheet HTML 5Page - XP Power Limited HDS1500PS48 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HDS1500 Series
www.xppower.com
AC-DC Power Supplies
5
Application Notes
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
E
EN
N--
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
E
EN
N--
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
E
EN
N--
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
E
EN
N--
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
A
AU
UX
X
G
GN
ND
D
A
AU
UX
X
A
AU
UX
X
G
GN
ND
D
A
AU
UX
X
A
AU
UX
X
G
GN
ND
D
A
AU
UX
X
A
AU
UX
X
G
GN
ND
D
A
AU
UX
X
+
+
+
+
24
23
24
23
24
23
24
23
2
23
1
2
23
24
1
2
23
24
1
2
23
24
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
E
EN
N--
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
E
EN
N--
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
E
EN
N--
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
24
23
24
23
24
23
24
23
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
E
EN
N--
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
A
AU
UX
X
G
GN
ND
D
A
AU
UX
X
A
AU
UX
X
G
GN
ND
D
A
AU
UX
X
A
AU
UX
X
G
GN
ND
D
A
AU
UX
X
A
AU
UX
X
G
GN
ND
D
A
AU
UX
X
+
+
+
+
1
2
23
24
1
2
23
24
1
2
23
24
1
2
23
24
Pok
POWER SUPPLY
CN2 Connector
Power OK
Power not OK
3300R
GND
5 V Auxiliary
NC
A
E
VO-
G
GN
ND
D
A
AU
UX
X
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
EN
EN-
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
A
AU
UX
X
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
+
-
+
+
Load
21
24
23
CN2
1
2
23
G
GN
ND
D
A
AU
UX
X
G
GN
ND
D
G
GN
ND
D
G
GN
ND
D
S
SD
DA
A
G
GN
ND
D
N
NC
C
E
EN
N++
A
AC
CII
V
VC
CII
A
AU
UX
X
S
SC
CLL
A
AU
UX
X
N
NC
C
V
VS
SE
ETT
P
PA
AR
R
G
GN
ND
D
P
PO
OK
K
V
VO
O--
V
VS
S--
V
VO
O++
V
VS
S++
CN2
+
-
+
EN
EN-
Load
21
24
23
23
2
POK Signal
Remote Sense
Local Sense
Current Sharing with Remote Sense
Current Sharing with Local Sense
Open drain signal, low when PSU turns on
Maximum sink current: 20 mA
Maximum drain voltage: 40 V
Must be used if remote sense is not required.
In parallel operation, it is possible that only one unit will operate if the load is less than 5% of the combined rated output load.
It is possible to have more than five units in parallel, contact sales for details.
OVP Setting
114%
120%
200%
7%
100% 105%
OVP Trip Point
196%
% of Nominal Output Voltage
Notes


Similar Part No. - HDS1500PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
HDS1500PS48 XPPOWER-HDS1500PS48 Datasheet
1Mb / 6P
   1500 Watts
More results

Similar Description - HDS1500PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com