Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECL30UD02 Datasheet(PDF) 4 Page - XP Power Limited

Part # ECL30UD02
Description  5-30 Watts ECL Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECL30UD02 Datasheet(HTML) 4 Page - XP Power Limited

  ECL30UD02 Datasheet HTML 1Page - XP Power Limited ECL30UD02 Datasheet HTML 2Page - XP Power Limited ECL30UD02 Datasheet HTML 3Page - XP Power Limited ECL30UD02 Datasheet HTML 4Page - XP Power Limited ECL30UD02 Datasheet HTML 5Page - XP Power Limited ECL30UD02 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Notes
ECL15UD/UT
ACL
Pin1
Pin2
Pin3
Pin4
ACN
Pin5
2.44 (62.0)
2.13 (54.1)
0.155 (3.9)
7-ø0.04 (ø1.0)
7-ø0.07 (ø1.8)
0.15 (3.81)
2.80 (71.1)
3.10 (78.7)
4-ø0.13 (ø3.20)
ACN
Pin5
Pin4
Pin3
Pin2
Pin1
ACL
NP
2.56 (65.0)
0.54 (13.7)
0.25 (6.3)
0.54 (13.7)
4-ø0.04 (ø1.0)
0.21 (5.4)
2.13 (54.1)
ACN
ACL
Pin1
Pin4
Pin2
Pin3
Pin5
C1
Top View
1.03 (26.3)
0.39 (10.0)
Optional
DIN clip
0.18 (4.6)
0.18 (4.5)
2.56 (65.1)
0.10 (2.5)
0.10 (2.5)
0.10 (2.5)
0.27 (6.8)
2.95 (75.0)
3.31 (84.0)
2-ø0.14 (ø3.5)
Pin5
Pin4
Pin3
Pin2
Pin1
ACN
ACL
Top View
Mechanical Details
Open Frame - PCB Mount (-P)
Open Frame - Chassis Mount (-T)
Encapsulated (-E)
Screw Terminal (-S)
Models and Ratings
Output Power
Output 1
Output 2
Output 3
Efficiency
Model
Number(3,4)
Voltage
Current(2)
Voltage
Current(2)
Voltage
Current(2)
15 W
+12.0 V
0.65 A
-12.0 V
0.650 A
82%
ECL15UD01
15 W
+15.0 V
0.50 A
-15.0 V
0.500 A
82%
ECL15UD02
15 W
5.0 V(1)
1.50 A
12.0 V(1)
0.625 A
81%
ECL15UD03
15 W
5.0 V(1)
2.00 A
+12.0 V
0.200 A
-12.0 V
0.200 A
81%
ECL15UT02
15 W
5.0 V(1)
2.00 A
+15.0 V
0.150 A
-15.0 V
0.150 A
81%
ECL15UT03
Pin
UD01/02
UD03
UT02/03
1
V2
NP
V3
2
NP
V2 RTN
COM
3
COM
V2
V2
4
V1
V1
V1
5
NP
V1 RTN
V1 RTN
Pin
UD01/02
UD03
UT02/03
1
V2
NC
V3
2
COM
V2 RTN
COM
3
COM
V2
V2
4
COM
V1
V1
5
V1
V1 RTN
V1 RTN
Pin
UD01/02
UD03
UT02/03
1
V2
NP
V3
2
NP
V2 RTN
COM
3
COM
V2
V2
4
V1
V1
V1
5
NP
V1 RTN
V1 RTN
Pin
UD01/02
UD03
UT02/03
1
V2
NC
V3
2
COM
V2 RTN
COM
3
COM
V2
V2
4
COM
+V1
V1
5
V1
V1 RTN
V1 RTN
1. Isolated output
2. Peak load of 130% lasting <30 s with a maximum duty cycle of 10%, average
output power not to exceed nominal.
3. Add suffix to model number to define type: add ‘-P’ for PCB mount, add ‘-T’
for chassis mount, add ‘-E’ for encapsulated, add ‘-S’ for screw terminals.
4. A screw terminal version (-S) is available with DIN clip attached, add suffix ‘D’
e.g. ECL15UT02-SD, DIN rail mounting kit is available as a separate item, order
code ECL15 DIN CLIP.
5. UD01/UD02: Load regulation <3%, 10-100% load.
Cross regulation <3%, one output fixed, the other varied from
10-100% load
UD03:
Load regulation <1% V1, <10% V2
Cross regulation <10% V2, V1 varied from 10-100% load
UT02/UT03: Load regulation <1% V1, <10% V2 & V3
Cross regulation <10% V2 & V3, V2 & V3 at 50% load & V1
varied from 20-100% load
1. All dimensions in inches (mm).
2. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5)
x.xxx = ± 0.01 (x.xx = ± 0.25)
3. Weight: ECL15 UD/UT: P Version: 0.09 lbs (40 g)
T Version: 0.09 lbs (40 g)
E Version: 0.21 lbs(95 g)
S Version: 0.26 lbs (120 g)
Mating Connectors (-T version only)
Input Connector: JST PHR-3
Output Connector: JST XHP-5
Notes
NP = No pin.
NC = No connection.
NC = No connection.
NP = No pin.


Similar Part No. - ECL30UD02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL30UD02 XPPOWER-ECL30UD02 Datasheet
450Kb / 6P
   530 Watts ECL Series
ECL30UD02 XPPOWER-ECL30UD02 Datasheet
449Kb / 6P
   Ultra Compact Size
ECL30UD02 XPPOWER-ECL30UD02 Datasheet
449Kb / 6P
   Ultra Compact Size
More results

Similar Description - ECL30UD02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECL15UD01-S XPPOWER-ECL15UD01-S Datasheet
450Kb / 6P
   530 Watts ECL Series
logo
Omron Electronics LLC
E32DC200E OMRON-E32DC200E Datasheet
3Mb / 31P
   530 Watts ECL Series
logo
New Jersey Semi-Conduct...
D40C NJSEMI-D40C Datasheet
1Mb / 2P
   30-50 VOLTS .5 AMP, 6.25 WATTS
logo
XP Power Limited
JTL3048S15 XPPOWER-JTL3048S15 Datasheet
291Kb / 2P
   30 Watts JTL Series
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
   30 Watts RDC Series
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
   30 Watts JCK Series
logo
Astec America, Inc
APC08 ASTEC-APC08 Datasheet
389Kb / 2P
   30 Watts
logo
Power-One
BLP30-1005G POWER-ONE-BLP30-1005G Datasheet
83Kb / 6P
   30 Watts
logo
Anaren Microwave
100200-4X50-2 ANAREN-100200-4X50-2 Datasheet
357Kb / 2P
   30 Watts
logo
Astec America, Inc
AK60C ASTEC-AK60C Datasheet
602Kb / 2P
   30 Watts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com