Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E1651 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10E1651
Description  Dual ECL Output Comparator with Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1651 Datasheet(HTML) 6 Page - ON Semiconductor

  MC10E1651 Datasheet HTML 1Page - ON Semiconductor MC10E1651 Datasheet HTML 2Page - ON Semiconductor MC10E1651 Datasheet HTML 3Page - ON Semiconductor MC10E1651 Datasheet HTML 4Page - ON Semiconductor MC10E1651 Datasheet HTML 5Page - ON Semiconductor MC10E1651 Datasheet HTML 6Page - ON Semiconductor MC10E1651 Datasheet HTML 7Page - ON Semiconductor MC10E1651 Datasheet HTML 8Page - ON Semiconductor MC10E1651 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10E1651
http://onsemi.com
6
DELAY DISPERSION
Under a constant set of input conditions comparators have
a specified nominal propagation delay. However, since
propagation delay is a function of input slew rate and input
voltage overdrive the delay dispersion parameters, TDE and
TDT, are provided to allow the user to adjust for these
variables (where TDE and TDT apply to inputs with standard
ECL and TTL levels, respectively).
Figure 4 and Figure 5 define a range of input conditions
which incorporate varying input slew rates and input voltage
overdrive. For input parameters that adhere to these
constraints the propagation delay can be described as:
TNOM ± TDE (or TDT)
where TNOM is the nominal propagation delay. TNOM
accounts for nonuniformity introduced by temperature and
voltage variability, whereas the delay dispersion parameter
takes into consideration input slew rate and input voltage
overdrive variability. Thus a modified propagation delay can
be approximated to account for the effects of input conditions
that differ from those under which the parts where tested. For
example, an application may specify an ECL input with a
slew rate of 0.25 V/NS, an overdrive of 17 mV and a
temperature of 25
°C, the delay dispersion parameter would
be 100 ps. The modified propagation delay would be
775 ps
± 100 ps
Figure 4. ECL Dispersion Test Input Conditions
Figure 5. TTL Dispersion Test Input Conditions
0 V
0.5 V
2.0 V
2.5 V
- 1.75 V
- 1.58 V
- 1.07 V
-0.9 V
SLEW RATE = 0.75 V/NS
SLEW RATE = 0.75 V/NS
SLEW RATE =
0.25 V/NS
SLEW RATE =
0.30 V/NS
INPUT
THRESHOLD
RANGE
INPUT
THRESHOLD
RANGE


Similar Part No. - MC10E1651

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1651 ONSEMI-MC10E1651 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FN ONSEMI-MC10E1651FN Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNG ONSEMI-MC10E1651FNG Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
MC10E1651FNR2 ONSEMI-MC10E1651FNR2 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
More results

Similar Description - MC10E1651

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com