Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV982DMR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # LMV982DMR2G
Description  Single and Dual Low Voltage, Rail-to-Rail Input and Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV982DMR2G Datasheet(HTML) 4 Page - ON Semiconductor

  LMV982DMR2G Datasheet HTML 1Page - ON Semiconductor LMV982DMR2G Datasheet HTML 2Page - ON Semiconductor LMV982DMR2G Datasheet HTML 3Page - ON Semiconductor LMV982DMR2G Datasheet HTML 4Page - ON Semiconductor LMV982DMR2G Datasheet HTML 5Page - ON Semiconductor LMV982DMR2G Datasheet HTML 6Page - ON Semiconductor LMV982DMR2G Datasheet HTML 7Page - ON Semiconductor LMV982DMR2G Datasheet HTML 8Page - ON Semiconductor LMV982DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LMV981, LMV982
www.onsemi.com
4
1.8 V DC ELECTRICAL CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25°C,
V+ = 1.8 V, V= 0 V, VCM = V+/2, VO = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm.
Parameter
Unit
Max
Typ
Min
Condition
Symbol
Output Short Circuit
Current
IO
Sourcing, Vo = 0 V, VIN = +100 mV
4.0
30
mA
−40
°C to +125°C
3.3
Sinking, Vo = 1.8V, VIN = −100 mV
7.0
60
−40
°C to +125°C
5.0
Shutdown Enable
Control
VSHDN
Turn−on Voltage to Enable Device
1.0
V
Turn−off Voltage to Shutdown Device
0.55
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Guaranteed by design and/or characterization.
1.8V AC ELECTRICAL CHARACTERISTICS Unless otherwise specified, all limits are guaranteed for TA = 25°C, V+ = 1.8 V,
V− = 0 V, VCM = 2.0 V,Vo = V+/2 and RL > 1 MW. Typical specifications represent the most likely parametric norm. Min/Max
specifications are guaranteed by testing, characterization, or statistical analysis.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Slew Rate
SR
(Note 3)
0.35
V/
mS
Gain Bandwidth
Product
GBWP
1.4
MHz
Phase Margin
Qm
67
°
Gain Margin
Gm
7
dB
Input−Referred
Voltage Noise
en
f = 50 kHz, VCM = 0.5 V
60
nV/
√Hz
Total Harmonic
Distortion
THD
f = 1 kHz, AV = +1, RL = 600 W, VO = 1 VPP
0.023
%
Amplifier−to−Amplifier
Isolation
(Note 4)
123
dB
3. Connected as voltage follower with input step from V− to V+. Number specified is the slower of the positive and negative slew rates.
4. Input referred, RL = 100 kW connected to V+/2. Each amp excited in turn with 1 kHz to produce VO = 3 VPP. (For Supply Voltages < 3 V,
VO = V+).


Similar Part No. - LMV982DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV982DMR2G ONSEMI-LMV982DMR2G Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
More results

Similar Description - LMV982DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Diodes Incorporated
APX321 DIODES-APX321 Datasheet
670Kb / 18P
   LOW VOLTAGE, RAIL-TO-RAIL INPUT AND OUTPUT
APX324 Rev. 13
logo
National Semiconductor ...
LMC6681 NSC-LMC6681 Datasheet
750Kb / 24P
   Low Voltage, Rail-To-Rail Input and Output CMOS
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
logo
Linear Technology
LT6202 LINER-LT6202_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6204 LINER-LT6204_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
LT6203 LINER-LT6203_15 Datasheet
1Mb / 28P
   Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output
logo
ON Semiconductor
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
STMicroelectronics
OA1NP STMICROELECTRONICS-OA1NP Datasheet
864Kb / 31P
   Rail-to-rail input and output
March 2014 Rev 2
logo
Microchip Technology
MCP6N16 MICROCHIP-MCP6N16 Datasheet
7Mb / 58P
   Rail-to-Rail Input and Output
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com