Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33171PG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC33171PG
Description  Low Power Operational Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33171PG Datasheet(HTML) 5 Page - ON Semiconductor

  MC33171PG Datasheet HTML 1Page - ON Semiconductor MC33171PG Datasheet HTML 2Page - ON Semiconductor MC33171PG Datasheet HTML 3Page - ON Semiconductor MC33171PG Datasheet HTML 4Page - ON Semiconductor MC33171PG Datasheet HTML 5Page - ON Semiconductor MC33171PG Datasheet HTML 6Page - ON Semiconductor MC33171PG Datasheet HTML 7Page - ON Semiconductor MC33171PG Datasheet HTML 8Page - ON Semiconductor MC33171PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MC33171, 2, 4, NCV33172, 4
www.onsemi.com
5
1. TA = -55°C
2. TA = 25°C
3. TA = 125°C
Dual
Quad
1
2
3
Single
3
2
1
1
2
3
VCC/VEE = ±15 V
AV = +1.0
RL = 10 k
CL = 100 pF
TA = 25°C
AV = 1000
AV = 100
AV = 10
AV = 1.0
Figure 4. Open Loop Voltage Gain and
Phase versus Frequency
Figure 5. Phase Margin and Percent
Overshoot versus Load Capacitance
Figure 6. Normalized Gain Bandwidth Product
and Slew Rate versus Temperature
Figure 7. Small and Large Signal
Transient Response
Figure 8. Output Impedance and Frequency
Figure 9. Supply Current versus Supply Voltage
0
0
5.0
ms/DIV
5.0
ms/DIV
f, FREQUENCY (Hz)
1
2
3
4
120
140
160
180
200
220
Gain
Margin
= 15 dB
Phase
Margin
= 58
°
VCC/VEE = ±15 V
RL = 10 k
Vout = 0 V
TA = 25°C
1 - Phase
2 - Phase, CL = 100 pF
3 - Gain
4 - Gain, CL = 100 pF
CL, LOAD CAPACITANCE (pF)
70
60
50
40
30
20
10
%
fm
0
VCC/VEE = ±15 V
AVOL = +1.0
RL = 10 k
DVO = 20 mVpp
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
GBW
SR
VCC/VEE = ±15 V
RL = 10 k
f, FREQUENCY (Hz)
VCC/VEE, SUPPLY VOLTAGE (±V)
3
0
20
10
0
-10
-20
-30
70
60
50
40
30
20
10
0
1.3
1.2
1.1
1.0
0.9
0.8
0.7
140
120
100
80
60
40
20
0
1.1
0.9
0.7
0.5
0.3
0.1
100 k
1.0 M
10 M
10
20
50
100
200
500
1.0 k
-55
-25
0
25
50
75
100
125
200
2.0 k
20 k
200 k
2.0 M
0
5.0
10
15
20
25
VCC/VEE = ±15 V
VCM = 0 V
VO = 0 V
DIO = ±0.5 mA
TA = 25°C


Similar Part No. - MC33171PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171PG ONSEMI-MC33171PG Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
More results

Similar Description - MC33171PG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC33178 UTC-MC33178 Datasheet
148Kb / 6P
   LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
MC3303 TI1-MC3303_16 Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com