Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33172PG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33172PG
Description  Low Power Operational Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33172PG Datasheet(HTML) 4 Page - ON Semiconductor

  MC33172PG Datasheet HTML 1Page - ON Semiconductor MC33172PG Datasheet HTML 2Page - ON Semiconductor MC33172PG Datasheet HTML 3Page - ON Semiconductor MC33172PG Datasheet HTML 4Page - ON Semiconductor MC33172PG Datasheet HTML 5Page - ON Semiconductor MC33172PG Datasheet HTML 6Page - ON Semiconductor MC33172PG Datasheet HTML 7Page - ON Semiconductor MC33172PG Datasheet HTML 8Page - ON Semiconductor MC33172PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MC33171, 2, 4, NCV33172, 4
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, RL connected to ground, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = −10 V to +10 V, RL = 10 k, CL = 100 pF)
AV +1
AV −1
SR
1.6
2.1
2.1
V/
ms
Gain Bandwidth Product (f = 100 kHz)
GBW
1.4
1.8
MHz
Power Bandwidth
AV = +1.0 RL = 10 k, VO = 20 Vpp, THD = 5%
BWp
35
kHz
Phase Margin
RL = 10 k
RL = 10 k, CL = 100 pF
fm
60
45
Deg
Gain Margin
RL = 10 k
RL = 10 k, CL = 100 pF
Am
15
5.0
dB
Equivalent Input Noise Voltage
RS = 100 W, f = 1.0 kHz
en
32
nV/ Hz
Equivalent Input Noise Current (f = 1.0 kHz)
In
0.2
pA/ Hz
Differential Input Resistance
Vcm = 0 V
Rin
300
M
W
Input Capacitance
Cin
0.8
pF
Total Harmonic Distortion
AV = +10, RL = 10 k, 2.0 Vpp ≤ VO ≤ 20 Vpp, f = 10 kHz
THD
0.03
%
Channel Separation (f = 10 kHz)
CS
120
dB
Open Loop Output Impedance (f = 1.0 MHz)
zo
100
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Figure 2. Input Common Mode Voltage Range
versus Temperature
Figure 3. Split Supply Output Saturation
versus Load Current
TA, AMBIENT TEMPERATURE (°C)
VCC
VCC/VEE = ±1.5 V to ± 22 V
DVIO = 5.0 mV
IL, LOAD CURRENT (±mA)
Source
Sink
VEE
VCC
VEE
VCC/VEE = ± 5.0 V to ± 22 V
TA = 25°C
0
-2.4
0.1
0
-0.8
-1.6
0
-1.0
1.0
0
-55
-25
0
25
50
75
100
125
0
1.0
2.0
3.0
4.0


Similar Part No. - MC33172PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33172PG ONSEMI-MC33172PG Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
More results

Similar Description - MC33172PG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC33178 UTC-MC33178 Datasheet
148Kb / 6P
   LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
MC3303 TI1-MC3303_16 Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com