Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33178DR2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC33178DR2
Description  Low Power, Low Noise Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33178DR2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC33178DR2 Datasheet HTML 7Page - ON Semiconductor MC33178DR2 Datasheet HTML 8Page - ON Semiconductor MC33178DR2 Datasheet HTML 9Page - ON Semiconductor MC33178DR2 Datasheet HTML 10Page - ON Semiconductor MC33178DR2 Datasheet HTML 11Page - ON Semiconductor MC33178DR2 Datasheet HTML 12Page - ON Semiconductor MC33178DR2 Datasheet HTML 13Page - ON Semiconductor MC33178DR2 Datasheet HTML 14Page - ON Semiconductor MC33178DR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MC33178, MC33179
http://onsemi.com
11
10 k
A1
To
Receiver
+
1.0
mF
300
200 k
120 k
2.0 k
A2
820
1N4678
Tip
Phone Line
Ring
A3
VR
From
Microphone
+
+
10 k
10 k
10 k
VR
10 k
0.05
mF
Figure 34. Telephone Line Interface Circuit
APPLICATION INFORMATION
This unique device uses a boosted output stage to combine
a high output current with a drain current lower than similar
bipolar input op amps. Its 60° phase margin and 15 dB gain
margin ensure stability with up to 1000 pF of load
capacitance (see Figure 24). The ability to drive a minimum
600
W load makes it particularly suitable for telecom
applications. Note that in the sample circuit in Figure 34
both A2 and A3 are driving equivalent loads of
approximately 600
W.
The low input offset voltage and moderately high slew
rate and gain bandwidth product make it attractive for a
variety of other applications. For example, although it is not
single supply (the common mode input range does not
include ground), it is specified at +5.0 V with a typical
common mode rejection of 110 dB. This makes it an
excellent choice for use with digital circuits. The high
common mode rejection, which is stable over temperature,
coupled with a low noise figure and low distortion, is an
ideal op amp for audio circuits.
The output stage of the op amp is current limited and
therefore has a certain amount of protection in the event of
a short circuit. However, because of its high current output,
it is especially important not to allow the device to exceed
the maximum junction temperature, particularly with the
MC33179 (quad op amp). Shorting more than one amplifier
could easily exceed the junction temperature to the extent of
causing permanent damage.
Stability
As usual with most high frequency amplifiers, proper lead
dress, component placement, and PC board layout should be
exercised for optimum frequency performance. For
example, long unshielded input or output leads may result in
unwanted input/output coupling. In order to preserve the
relatively low input capacitance associated with these
amplifiers, resistors connected to the inputs should be
immediately adjacent to the input pin to minimize additional
stray input capacitance. This not only minimizes the input
pole frequency for optimum frequency response, but also
minimizes extraneous “pick up” at this node. Supplying
decoupling with adequate capacitance immediately adjacent
to the supply pin is also important, particularly over
temperature, since many types of decoupling capacitors
exhibit great impedance changes over temperature.
Additional stability problems can be caused by high load
capacitances and/or a high source resistance. Simple
compensation schemes can be used to alleviate these
effects.


Similar Part No. - MC33178DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33178DR2 ONSEMI-MC33178DR2 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
MC33178DR2G ONSEMI-MC33178DR2G Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
More results

Similar Description - MC33178DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_06 Datasheet
278Kb / 19P
   Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
119Kb / 7P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510FE2 ROHM-BA4510FE2 Datasheet
402Kb / 22P
   Low Noise Operational Amplifiers
BA4560F-E2 ROHM-BA4560F-E2 Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
BA4558FV-E2 ROHM-BA4558FV-E2 Datasheet
483Kb / 29P
   Low Noise Operational Amplifiers
BA15218F-E2 ROHM-BA15218F-E2 Datasheet
1Mb / 51P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com