Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33079P Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33079P
Description  Low Noise Dual/Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33079P Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33079P Datasheet HTML 3Page - ON Semiconductor MC33079P Datasheet HTML 4Page - ON Semiconductor MC33079P Datasheet HTML 5Page - ON Semiconductor MC33079P Datasheet HTML 6Page - ON Semiconductor MC33079P Datasheet HTML 7Page - ON Semiconductor MC33079P Datasheet HTML 8Page - ON Semiconductor MC33079P Datasheet HTML 9Page - ON Semiconductor MC33079P Datasheet HTML 10Page - ON Semiconductor MC33079P Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC33078, MC33079, NCV33078, NCV33079
http://onsemi.com
7
Figure 18. Open Loop Voltage Gain
versus Temperature
Figure 19. Output Impedance
versus Frequency
Figure 20. Channel Separation
versus Frequency
Figure 21. Total Harmonic Distortion
versus Frequency
Figure 22. Total Harmonic Distortion
versus Output Voltage
Figure 23. Slew Rate versus Supply Voltage
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
RL = 2.0 kW
f
≤ 10 Hz
DVO = -10 V to +10 V
f, FREQUENCY (Hz)
1.0 k
10 k
100 k
1.0 M
10 M
VCC = +15 V
VEE = -15 V
VO = 0 V
TA = 25°C
AV = 1000
AV = 100
AV = 10
AV = 1.0
f, FREQUENCY (Hz)
CS = 20 Log
DVOA
DVOM
10
100
1.0 k
100 k
10 k
Drive Channel
VCC = +15 V
VEE = -15 V
RL = 2.0 KW
DVOD = 20 Vpp
TA = 25°C
MC33078
MC33079
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = -15 V
VO = 1.0 Vrms
TA = 25°C
VO, OUTPUT VOLTAGE (Vrms)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
VCC = +15 V
VEE = -15 V
f = 2.0 kHz
TA = 25°C
AV = 1000
AV = 100
AV = 10
AV = 1.0
VCC |VEE| , SUPPLY VOLTAGE (V)
412
16
20
Vin = 2/3 (VCC -VEE)
TA = 25°C
Rising
110
105
100
95
90
50
40
30
20
10
0
160
150
140
130
120
110
100
1.0
0.1
0.01
0.001
1.0
0.5
0.1
0.05
0.01
0.005
0.001
10
8.0
6.0
4.0
2.0
0
10 k
W
VOM
Measurement Channel
-
+
100
W
100
W
VO
2.0 k
W
+
-
DVin
VO
2.0
k
W
-
+
RA
Vin
2.0 k
W
VO
+
-
10 k
W
6
8
10
14
18
Falling
9.0
7.0
5.0
3.0
1.0


Similar Part No. - MC33079P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33079P ONSEMI-MC33079P Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33079P ONSEMI-MC33079P Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33079PG ONSEMI-MC33079PG Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
More results

Similar Description - MC33079P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com