Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV33172DR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV33172DR2G
Description  Low Power Operational Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33172DR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV33172DR2G Datasheet HTML 2Page - ON Semiconductor NCV33172DR2G Datasheet HTML 3Page - ON Semiconductor NCV33172DR2G Datasheet HTML 4Page - ON Semiconductor NCV33172DR2G Datasheet HTML 5Page - ON Semiconductor NCV33172DR2G Datasheet HTML 6Page - ON Semiconductor NCV33172DR2G Datasheet HTML 7Page - ON Semiconductor NCV33172DR2G Datasheet HTML 8Page - ON Semiconductor NCV33172DR2G Datasheet HTML 9Page - ON Semiconductor NCV33172DR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MC33171, 2, 4, NCV33172, 4
www.onsemi.com
6
APPLICATIONS INFORMATION − CIRCUIT DESCRIPTION/PERFORMANCE FEATURES
Although the bandwidth, slew rate, and settling time of the
MC33171/72/74 amplifier family is similar to low power op
amp products utilizing JFET input devices, these amplifiers
offer additional advantages as a result of the PNP transistor
differential inputs and an all NPN transistor output stage.
Because the input common mode voltage range of this
input stage includes the VEE potential, single supply
operation is feasible to as low as 3.0 V with the common
mode input voltage at ground potential.
The input stage also allows differential input voltages up
to
±44 V, provided the maximum input voltage range is not
exceeded. Specifically, the input voltages must range
between VCC and VEE supply voltages as shown by the
maximum
rating
table.
In
practice,
although
not
recommended, the input voltages can exceed the VCC
voltage by approximately 3.0 V and decrease below the VEE
voltage by 0.3 V without causing product damage, although
output phase reversal may occur. It is also possible to source
up to 5.0 mA of current from VEE through either inputs’
clamping diode without damage or latching, but phase
reversal may again occur. If at least one input is within the
common mode input voltage range and the other input is
within the maximum input voltage range, no phase reversal
will occur. If both inputs exceed the upper common mode
input voltage limit, the output will be forced to its lowest
voltage state.
Since the input capacitance associated with the small
geometry input device is substantially lower (0.8 pF) than
that of a typical JFET (3.0 pF), the frequency response for
a given input source resistance is greatly enhanced. This
becomes evident in D−to−A current to voltage conversion
applications where the feedback resistance can form a pole
with the input capacitance of the op amp. This input pole
creates a 2nd Order system with the single pole op amp and
is therefore detrimental to its settling time. In this context,
lower input capacitance is desirable especially for higher
values of feedback resistances (lower current DACs). This
input pole can be compensated for by creating a feedback
zero with a capacitance across the feedback resistance, if
necessary, to reduce overshoot. For 10 k
W of feedback
resistance, the MC33171/72/74 family can typically settle to
within 1/2 LSB of 8 bits in 4.2
ms, and within 1/2 LSB of 12
bits in 4.8
ms for a 10 V step. In a standard inverting unity
gain fast settling configuration, the symmetrical slew rate is
typically
±2.1 V/ms. In the classic noninverting unity gain
configuration the typical output positive slew rate is also
2.1 V/
ms, and the corresponding negative slew rate will
usually exceed the positive slew rate as a function of the fall
time of the input waveform.
The all NPN output stage, shown in its basic form on the
equivalent circuit schematic, offers unique advantages over
the more conventional NPN/PNP transistor Class AB output
stage. A 10 k
W load resistance can typically swing within
0.8 V of the positive rail (VCC) and negative rail (VEE),
providing a 28.4 Vpp swing from
±15 V supplies. This large
output swing becomes most noticeable at lower supply
voltages.
The positive swing is limited by the saturation voltage of
the current source transistor Q7, the VBE of the NPN pull−up
transistor Q17, and the voltage drop associated with the
short circuit resistance, R5. For sink currents less than
0.4 mA, the negative swing is limited by the saturation
voltage of the pull−down transistor Q15, and the voltage
drop across R4 and R5. For small valued sink currents, the
above voltage drops are negligible, allowing the negative
swing voltage to approach within millivolts of VEE. For sink
currents (> 0.4 mA), diode D3 clamps the voltage across R4.
Thus the negative swing is limited by the saturation voltage
of Q15, plus the forward diode drop of D3 (
≈VEE +1.0 V).
Therefore an unprecedented peak−to−peak output voltage
swing is possible for a given supply voltage as indicated by
the output swing specifications.
If the load resistance is referenced to VCC instead of
ground for single supply applications, the maximum
possible output swing can be achieved for a given supply
voltage. For light load currents, the load resistance will pull
the output to VCC during the positive swing and the output
will pull the load resistance near ground during the negative
swing. The load resistance value should be much less than
that of the feedback resistance to maximize pull−up
capability.
Because the PNP output emitter−follower transistor has
been eliminated, the MC33171/72/74 family offers a 15 mA
minimum current sink capability, typically to an output
voltage of (VEE +1.8 V). In single supply applications the
output can directly source or sink base current from a
common emitter NPN transistor for current switching
applications.
In addition, the all NPN transistor output stage is
inherently faster than PNP types, contributing to the bipolar
amplifier’s improved gain bandwidth product. The
associated high frequency low output impedance (200
W typ
@ 1.0 MHz) allows capacitive drive capability from 0 pF to
400 pF without oscillation in the noninverting unity gain
configuration. The 60
° phase margin and 15 dB gain margin,
as well as the general gain and phase characteristics, are
virtually independent of the source/sink output swing
conditions. This allows easier system phase compensation,
since output swing will not be a phase consideration. The AC
characteristics of the MC33171/72/74 family also allow
excellent active filter capability, especially for low voltage
single supply applications.
Although the single supply specification is defined at
5.0 V, these amplifiers are functional to at least 3.0 V @
25
°C. However slight changes in parametrics such as
bandwidth, slew rate, and DC gain may occur.


Similar Part No. - NCV33172DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33172DR2 ONSEMI-NCV33172DR2 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
More results

Similar Description - NCV33172DR2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC33178 UTC-MC33178 Datasheet
148Kb / 6P
   LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
MC3303 TI1-MC3303_16 Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com