Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP103 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP103
Description  150 mA CMOS Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP103_16 Datasheet HTML 1Page - ON Semiconductor NCP103_16 Datasheet HTML 2Page - ON Semiconductor NCP103_16 Datasheet HTML 3Page - ON Semiconductor NCP103_16 Datasheet HTML 4Page - ON Semiconductor NCP103_16 Datasheet HTML 5Page - ON Semiconductor NCP103_16 Datasheet HTML 6Page - ON Semiconductor NCP103_16 Datasheet HTML 7Page - ON Semiconductor NCP103_16 Datasheet HTML 8Page - ON Semiconductor NCP103_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NCP103
www.onsemi.com
2
IN
OUT
BANDGAP
REFERENCE
ACTIVE
DISCHARGE*
MOSFET
DRIVER WITH
CURRENT LIMIT
THERMAL
SHUTDOWN
ENABLE
LOGIC
GND
AUTO LOW
POWER MODE
EN
EN
Figure 2. Simplified Schematic Block Diagram
*Active output discharge function is present only in NCP103AMXyyyTCG devices.
yyy denotes the particular VOUT option.
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
OUT
Regulated output voltage pin. A small ceramic capacitor with minimum value of 1
mF is needed from this
pin to ground to assure stability.
2
GND
Power supply ground.
3
EN
Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator into shutdown
mode.
4
IN
Input pin. A small capacitor is needed from this pin to ground to assure stability.
EPAD
Exposed pad should be connected directly to the GND pin. Soldered to a large ground copper plane allows
for effective heat removal.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN
−0.3 V to 6 V
V
Output Voltage
VOUT
−0.3 V to VIN + 0.3 V or 6 V
V
Enable Input
VEN
−0.3 V to VIN + 0.3 V or 6 V
V
Output Short Circuit Duration
tSC
s
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per EIA/JESD22−A114,
ESD Machine Model tested per EIA/JESD22−A115,
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS (Note 3)
Rating
Symbol
Value
Unit
Thermal Characteristics, uDFN4 1x1 mm
Thermal Resistance, Junction−to−Air
RqJA
170
°C/W
3. Single component mounted on 1 oz, FR 4 PCB with 645 mm2 Cu area.


Similar Part No. - NCP103_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP10301 ONSEMI-NCP10301 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP103 ONSEMI-NCP103_17 Datasheet
676Kb / 15P
   CMOS Low Dropout Regulator
December, 2017 ??Rev. 13
More results

Similar Description - NCP103_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1710 AD-ADP1710 Datasheet
405Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com