Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34071APG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC34071APG
Description  Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34071APG Datasheet(HTML) 4 Page - ON Semiconductor

  MC34071APG Datasheet HTML 1Page - ON Semiconductor MC34071APG Datasheet HTML 2Page - ON Semiconductor MC34071APG Datasheet HTML 3Page - ON Semiconductor MC34071APG Datasheet HTML 4Page - ON Semiconductor MC34071APG Datasheet HTML 5Page - ON Semiconductor MC34071APG Datasheet HTML 6Page - ON Semiconductor MC34071APG Datasheet HTML 7Page - ON Semiconductor MC34071APG Datasheet HTML 8Page - ON Semiconductor MC34071APG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, RL = connected to ground, unless otherwise noted. See Note 4 for
TA = Tlow to Thigh)
A Suffix
Non−Suffix
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS = 100 W, VCM = 0 V, VO = 0 V)
VCC = +15 V, VEE = −15 V, TA = +25°C
VCC = +5.0 V, VEE = 0 V, TA = +25°C
VCC = +15 V, VEE = −15 V, TA = Tlow to Thigh
VIO
0.5
0.5
3.0
3.0
5.0
1.0
1.5
5.0
5.0
7.0
mV
Average Temperature Coefficient of Input Offset
Voltage
RS = 10 W, VCM = 0 V, VO = 0 V,
TA = Tlow to Thigh
DVIO/DT
10
10
mV/°C
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = Tlow to Thigh
IIB
100
500
700
100
500
700
nA
Input Offset Current (VCM = 0 V, VO = 0V)
TA = +25°C
TA = Tlow to Thigh
IIO
6.0
50
300
6.0
75
300
nA
Input Common Mode Voltage Range
TA = +25°C
TA = Tlow to Thigh
VICR
VEE to (VCC −1.8)
VEE to (VCC −2.2)
VEE to (VCC −1.8)
VEE to (VCC −2.2)
V
Large Signal Voltage Gain (VO = ±10 V, RL = 2.0 kW)
TA = +25°C
TA = Tlow to Thigh
AVOL
50
25
100
25
20
100
V/mV
Output Voltage Swing (VID = ±1.0 V)
VCC = +5.0 V, VEE = 0 V, RL = 2.0 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 10 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 2.0 kW,
TA = Tlow to Thigh
VOH
3.7
13.6
13.4
4.0
14
3.7
13.6
13.4
4.0
14
V
VCC = +5.0 V, VEE = 0 V, RL = 2.0 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 10 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 2.0 kW,
TA = Tlow to Thigh
VOL
0.1
−14.7
0.3
−14.3
−13.5
0.1
−14.7
0.3
−14.3
−13.5
V
Output Short Circuit Current (VID = 1.0 V, VO = 0 V,
TA = 25°C)
Source
Sink
ISC
10
20
30
30
10
20
30
30
mA
Common Mode Rejection
RS ≤ 10 kW, VCM = VICR, TA = 25°C
CMR
80
97
70
97
dB
Power Supply Rejection (RS = 100 W)
VCC/VEE = +16.5 V/−16.5 V to +13.5 V/−13.5 V,
TA = 25°C
PSR
80
97
70
97
dB
Power Supply Current (Per Amplifier, No Load)
VCC = +5.0 V, VEE = 0 V, VO = +2.5 V, TA = +25°C
VCC = +15 V, VEE = −15 V, VO = 0 V, TA = +25°C
VCC = +15 V, VEE = −15 V, VO = 0 V,
TA = Tlow to Thigh
ID
1.6
1.9
2.0
2.5
2.8
1.6
1.9
2.0
2.5
2.8
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Tlow
=−40
°C for MC33071,2,4,/A, NCV33074/A Thigh = +85°C for MC33071,2,4,/A, NCV33074/A
=0
°C for MC34071,2,4,/A
= +70
°C for MC34071,2,4,/A
= −40
°C for MC34072,4/V, NCV33072,4A
= +125
°C for MC34072,4/V, NCV33072,4A, NCV34074V
Case 510AJ Tlow/Thigh guaranteed by product characterization.


Similar Part No. - MC34071APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34071APG ONSEMI-MC34071APG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071APG ONSEMI-MC34071APG Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC34071APG ONSEMI-MC34071APG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
More results

Similar Description - MC34071APG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com