Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33174VDG Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC33174VDG
Description  Low Power Operational Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33174VDG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC33174VDG Datasheet HTML 4Page - ON Semiconductor MC33174VDG Datasheet HTML 5Page - ON Semiconductor MC33174VDG Datasheet HTML 6Page - ON Semiconductor MC33174VDG Datasheet HTML 7Page - ON Semiconductor MC33174VDG Datasheet HTML 8Page - ON Semiconductor MC33174VDG Datasheet HTML 9Page - ON Semiconductor MC33174VDG Datasheet HTML 10Page - ON Semiconductor MC33174VDG Datasheet HTML 11Page - ON Semiconductor MC33174VDG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MC33171, 2, 4, NCV33172, 4
www.onsemi.com
8
Figure 10. AC Coupled Noninverting Amplifier
with Single +5.0 V Supply
Figure 11. AC Coupled Inverting Amplifier
with Single +5.0 V Supply
Figure 12. DC Coupled Inverting Amplifier
Maximum Output Swing with Single
+5.0 V Supply
Figure 13. Offset Nulling Circuit
Figure 14. Active High−Q Notch Filter
Figure 15. Active Bandpass Filter
2.2 k
510 k
VCC
100 k
Cin
Vin
1.0 k
+
-
CO
VO
3.6 Vpp
AV = 101
BW ( -3.0 dB) = 20 kHz
VO 0
100 k
100 k
VCC
100 k
CO
VO
+
-
10 k
Cin
Vin
AV = 10
BW ( -3.0 dB) = 200 kHz
10 k
100 k
100 k
VCC
50 k
RL
4.7 k
+
-
100 k
1.0 M
VO
Vin
4.2 Vpp
VO 2.5 V
AV = 10
BW ( -3.0 dB) = 200 kHz
VCC
7
3
6
2
5
1
4
10 k
VEE
+
-
Offset Nulling range is approximately
±80 mV with
a 10 k potentiometer, MC33171 only.
Vin
-
+
VO
0.01
2C
0.02
2R
32 k
fo = 1.0 kHz
fo =
1
4 p RC
Vin ≥ 0.2 Vdc
2C
0.02
16 k
16 k
Vin
R1
1.1 k
R2
5.6 k
R3
2.2 k
-
+
VO
C
0.047
0.4
VCC
fo = 30 kHz
Q = 10
HO = 1.0
R1 =
R3
2 HO
R2 =
R3 =
Q
p foC
R1 R3
4Q2R1 -R3
Qo fo
GBW
< 0.1
Given fo = center frequency
Ao = Gain at center frequency
Choose Value fo, Q, Ao, C
For less than 10% error for operational amplifier, where fo and GBW are expressed in Hz.
C
0.047
RL
100 k
RL
R
C
R
VCC
Then:
3.8 Vpp
VO 0


Similar Part No. - MC33174VDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33174VDR2 ONSEMI-MC33174VDR2 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
MC33174VDR2G ONSEMI-MC33174VDR2G Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
More results

Similar Description - MC33174VDG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC33178 UTC-MC33178 Datasheet
148Kb / 6P
   LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
MC3303 TI1-MC3303_16 Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com