Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33174VDG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33174VDG
Description  Low Power Operational Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33174VDG Datasheet(HTML) 1 Page - ON Semiconductor

  MC33174VDG Datasheet HTML 1Page - ON Semiconductor MC33174VDG Datasheet HTML 2Page - ON Semiconductor MC33174VDG Datasheet HTML 3Page - ON Semiconductor MC33174VDG Datasheet HTML 4Page - ON Semiconductor MC33174VDG Datasheet HTML 5Page - ON Semiconductor MC33174VDG Datasheet HTML 6Page - ON Semiconductor MC33174VDG Datasheet HTML 7Page - ON Semiconductor MC33174VDG Datasheet HTML 8Page - ON Semiconductor MC33174VDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 13
1
Publication Order Number:
MC33171/D
MC33171, 2, 4,
NCV33172, 4
Single Supply 3.0 V to 44 V,
Low Power Operational
Amplifiers
Quality bipolar fabrication with innovative design concepts are
employed for the MC33171/72/74, NCV33172/74 series of
monolithic operational amplifiers. These devices operate at 180
mA
per amplifier and offer 1.8 MHz of gain bandwidth product and
2.1 V/
ms slew rate without the use of JFET device technology.
Although this series can be operated from split supplies, it is
particularly suited for single supply operation, since the common
mode input voltage includes ground potential (VEE). With a
Darlington input stage, these devices exhibit high input resistance, low
input offset voltage and high gain. The all NPN output stage,
characterized by no deadband crossover distortion and large output
voltage swing, provides high capacitance drive capability, excellent
phase and gain margins, low open loop high frequency output
impedance and symmetrical source/sink AC frequency response.
The MC33171/72/74, NCV33172/74 are specified over the
industrial/automotive temperature ranges. The complete series of
single, dual and quad operational amplifiers are available in plastic as
well as the surface mount packages.
Features
Low Supply Current: 180 mA (Per Amplifier)
Wide Supply Operating Range: 3.0 V to 44 V or ±1.5 V to ±22 V
Wide Input Common Mode Range, Including Ground (VEE)
Wide Bandwidth: 1.8 MHz
High Slew Rate: 2.1 V/ms
Low Input Offset Voltage: 2.0 mV
Large Output Voltage Swing: −14.2 V to +14.2 V
(with
±15 V Supplies)
Large Capacitance Drive Capability: 0 pF to 500 pF
Low Total Harmonic Distortion: 0.03%
Excellent Phase Margin: 60°
Excellent Gain Margin: 15 dB
Output Short Circuit Protection
ESD Diodes Provide Input Protection for Dual and Quad
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
PDIP−8
P SUFFIX
CASE 626
SO−8
D, VD SUFFIX
CASE 751
1
8
PDIP−14
P, VP SUFFIX
CASE 646
1
14
SO−14
D, VD SUFFIX
CASE 751A
1
14
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
TSSOP−14
DTB SUFFIX
CASE 948G
See general marking information in the device marking
section on page 10 of this data sheet.
DEVICE MARKING INFORMATION
1
14
www.onsemi.com
1
8


Similar Part No. - MC33174VDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33174VDR2 ONSEMI-MC33174VDR2 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
MC33174VDR2G ONSEMI-MC33174VDR2G Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
More results

Similar Description - MC33174VDG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC33178 UTC-MC33178 Datasheet
148Kb / 6P
   LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
[Old version datasheet]   VERY LOW-POWER OPERATIONAL AMPLIFIERS
MC3303 TI1-MC3303_16 Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com