Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34071ADG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC34071ADG
Description  Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34071ADG Datasheet(HTML) 2 Page - ON Semiconductor

  MC34071ADG Datasheet HTML 1Page - ON Semiconductor MC34071ADG Datasheet HTML 2Page - ON Semiconductor MC34071ADG Datasheet HTML 3Page - ON Semiconductor MC34071ADG Datasheet HTML 4Page - ON Semiconductor MC34071ADG Datasheet HTML 5Page - ON Semiconductor MC34071ADG Datasheet HTML 6Page - ON Semiconductor MC34071ADG Datasheet HTML 7Page - ON Semiconductor MC34071ADG Datasheet HTML 8Page - ON Semiconductor MC34071ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
2
CASE 626/CASE 751
PIN CONNECTIONS
(Single, Top View)
(Dual, Top View)
Offset Null
VEE
NC
VCC
Output
Offset Null
Inputs
VEE
Inputs 1
Inputs 2
Output 2
Output 1
VCC
-
1
2
3
4
8
7
6
5
-
-
+
+
1
2
3
4
8
7
6
5
+
Inputs 1
Output 1
VCC
Inputs 2
Output 2
Output 4
Inputs 4
VEE
Inputs 3
Output 3
(Quad, Top View)
4
2
3
1
1
2
3
4
5
6
78
9
10
11
12
13
14
-
+
-
+
+
-
+
-
CASE 646/CASE 751A/CASE 948G
CASE 510AJ
Output 1
­
NC
In ­ 1
In + 1
In + 2
In ­ 2
Output 2
NC
VCC
VEE/GND
(Top View)
1
2
3
4
5
6
7
8
9
10
Offset Null
(MC33071, MC34071 only)
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q17
Q18
D2
C2
D3
R6
R7
R8
R5
Q15
Q16
Q14
Q13
Q11
Q10
R2
C1
R1
Q9
Q8
Q12
D1
R3
R4
Inputs
VCC
Output
Current
Limit
VEE/GND
Base
Current
Cancellation
-
+
Q19
Bias
Figure 1. Representative Schematic Diagram
(Each Amplifier)


Similar Part No. - MC34071ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34071ADG ONSEMI-MC34071ADG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071ADG ONSEMI-MC34071ADG Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC34071ADG ONSEMI-MC34071ADG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
More results

Similar Description - MC34071ADG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com