Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2820 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP2820
Description  Filterless Class-D Audio Power Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2820 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP2820_13 Datasheet HTML 2Page - ON Semiconductor NCP2820_13 Datasheet HTML 3Page - ON Semiconductor NCP2820_13 Datasheet HTML 4Page - ON Semiconductor NCP2820_13 Datasheet HTML 5Page - ON Semiconductor NCP2820_13 Datasheet HTML 6Page - ON Semiconductor NCP2820_13 Datasheet HTML 7Page - ON Semiconductor NCP2820_13 Datasheet HTML 8Page - ON Semiconductor NCP2820_13 Datasheet HTML 9Page - ON Semiconductor NCP2820_13 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NCP2820 Series
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (Limits apply for TA = +25°C unless otherwise noted) (NCP2820MUTBG & NCV2820MUTBG)
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
RMS Output Power
Po
RL = 8.0 W, f = 1.0 kHz, THD+N < 1%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.22
0.33
0.45
0.67
0.92
W
RL = 8.0 W, f = 1.0 kHz, THD+N < 10%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.36
0.53
0.76
1.07
1.49
W
RL = 4.0 W, f = 1.0 kHz, THD+N < 1%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.24
0.38
0.57
0.83
1.2
W
RL = 4.0 W, f = 1.0 kHz, THD+N < 10%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.52
0.8
1.125
1.58
2.19
W
Efficiency
RL = 8.0 W, f = 1.0 kHz
Vp = 5.0 V, Pout = 1.2 W
Vp = 3.6 V, Pout = 0.6 W
87
87
%
RL = 4.0 W, f = 1.0 kHz
Vp = 5.0 V, Pout = 2.0 W
Vp = 3.6 V, Pout = 1.0 W
79
78
Total Harmonic Distortion + Noise
THD+N
Vp = 5.0 V, RL = 8.0 W,
f = 1.0 kHz, Pout = 0.25 W
Vp = 3.6 V, RL = 8.0 W,
f = 1.0 kHz, Pout = 0.25 W
0.05
0.06
%
Common Mode Rejection Ratio
CMRR
Vp from 2.5 V to 5.5 V
Vic = 0.5 V to Vp − 0.8 V
Vp = 3.6 V, Vic = 1.0 Vpp
f = 217 Hz
f = 1.0 kHz
−62
−56
−57
dB
Power Supply Rejection Ratio
PSRR
Vp_ripple_pk−pk = 200 mV, RL = 8.0 W,
Inputs AC Grounded
Vp = 3.6 V
f = 217 kHz
f = 1.0 kHz
−62
−65
dB


Similar Part No. - NCP2820_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2820D ONSEMI-NCP2820D Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1 ONSEMI-NCP2820FCT1 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1G ONSEMI-NCP2820FCT1G Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT2G ONSEMI-NCP2820FCT2G Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820MUTBG ONSEMI-NCP2820MUTBG Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
More results

Similar Description - NCP2820_13

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9701 MAXIM-MAX9701_09 Datasheet
383Kb / 22P
   1.3W, Filterless, Stereo Class D Audio Power Amplifier
Rev 3; 3/09
logo
Lyontek Inc.
LY8009 LYONTEK-LY8009_17 Datasheet
683Kb / 17P
   5.5W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
[Old version datasheet]   Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
   Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9701 MAXIM-MAX9701 Datasheet
1Mb / 21P
   1.3W, Filterless, Stereo Class D Audio Power Amplifier
Rev 0; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com