Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV33272ADR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV33272ADR2G
Description  Low Input Offset Voltage Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33272ADR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV33272ADR2G Datasheet HTML 1Page - ON Semiconductor NCV33272ADR2G Datasheet HTML 2Page - ON Semiconductor NCV33272ADR2G Datasheet HTML 3Page - ON Semiconductor NCV33272ADR2G Datasheet HTML 4Page - ON Semiconductor NCV33272ADR2G Datasheet HTML 5Page - ON Semiconductor NCV33272ADR2G Datasheet HTML 6Page - ON Semiconductor NCV33272ADR2G Datasheet HTML 7Page - ON Semiconductor NCV33272ADR2G Datasheet HTML 8Page - ON Semiconductor NCV33272ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC33272A, MC33274A, NCV33272A, NCV33274A
http://onsemi.com
2
PIN CONNECTIONS
CASE 626/751
DUAL
CASE 646/751A/948G
QUAD
(Top View)
VEE
Inputs 1
Inputs 2
Output 2
Output 1
VCC
-
-
+
+
1
2
3
4
8
7
6
5
Inputs 1
Output 1
VCC
Inputs 2
Output 2
Output 4
Inputs 4
VEE
Inputs 3
Output 3
(Top View)
4
23
1
1
2
3
4
5
6
78
9
10
11
12
13
14
+
+
-
-
+
-
+
-
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC to VEE
+36
V
Input Differential Voltage Range
VIDR
Note 1
V
Input Voltage Range
VIR
Note 1
V
Output Short Circuit Duration (Note 2)
tSC
Indefinite
sec
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature
Tstg
−60 to +150
°C
ESD Protection at Any Pin
− Human Body Model
− Machine Model
Vesd
2000
200
V
Maximum Power Dissipation
PD
Note 2
mW
Operating Temperature Range
MC33272A, MC33274A
NCV33272A, NCV33274A
TA
−40 to +85
−40 to +125
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Either or both input voltages should not exceed VCC or VEE.
2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded (see Figure 2).


Similar Part No. - NCV33272ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33272ADR2G ONSEMI-NCV33272ADR2G Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
More results

Similar Description - NCV33272ADR2G

ManufacturerPart #DatasheetDescription
logo
Rohm
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1,022Kb / 65P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL05XA TI-TL05XA Datasheet
1Mb / 63P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com