Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33274APG Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC33274APG
Description  Low Input Offset Voltage Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33274APG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC33274APG Datasheet HTML 5Page - ON Semiconductor MC33274APG Datasheet HTML 6Page - ON Semiconductor MC33274APG Datasheet HTML 7Page - ON Semiconductor MC33274APG Datasheet HTML 8Page - ON Semiconductor MC33274APG Datasheet HTML 9Page - ON Semiconductor MC33274APG Datasheet HTML 10Page - ON Semiconductor MC33274APG Datasheet HTML 11Page - ON Semiconductor MC33274APG Datasheet HTML 12Page - ON Semiconductor MC33274APG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC33272A, MC33274A, NCV33272A, NCV33274A
http://onsemi.com
9
Figure 26. Phase Margin and Gain Margin
versus Differential Source Resistance
Figure 27. Channel Separation
versus Frequency
Figure 28. Total Harmonic Distortion
versus Frequency
Figure 29. Output Impedance versus Frequency
Figure 30. Input Referred Noise Voltage
versus Frequency
Figure 31. Input Referred Noise Current
versus Frequency
RT, DIFFERENTIAL SOURCE RESISTANCE (W)
15
12
9.0
6.0
3.0
0
1.0
10
100
1.0 k
10 k
Gain Margin
Phase Margin
f, FREQUENCY (Hz)
160
150
140
130
120
110
100
100
1.0 k
10 k
100 k
1.0 M
Driver Channel
VCC = +15 V
VEE = -15 V
RL = 2.0 kW
DVOD = 20 Vpp
TA = 25°C
f, FREQUENCY (Hz)
1.0
0.1
0.01
0.001
10
100
1.0 k
10 k
100 k
AV = +1000
AV = +100
AV = +10
AV = +1.0
VO = 2.0 Vpp
TA = 25°C
VCC = +15 V
VEE = -15 V
f, FREQUENCY (Hz)
50
40
30
10
0
20
10 k
100 k
1.0 M
10 M
VCC = +15 V
VEE = -15 V
VO = 0 V
TA = 25°C
AV = 1000
AV = 100
AV = 10
AV = 1.0
f, FREQUENCY (Hz)
50
40
30
20
10
0
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = -15 V
TA = 25°C
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = -15 V
TA = 25°C
60
50
40
30
20
10
0
Vin
R2
R1
VO
-
+
Input Noise Voltage
Test Circuit
VO
-
+
Input Noise Current Circuit
RS
(RS = 10 kW)
VO
-
+
VCC = +15 V
VEE = -15 V
RT = R1+R2
VO = 0 V
TA = 25°C


Similar Part No. - MC33274APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33274APG ONSEMI-MC33274APG Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
More results

Similar Description - MC33274APG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_04 Datasheet
213Kb / 14P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
December, 2004 ??Rev. 7
MC33272A ONSEMI-MC33272A_06 Datasheet
317Kb / 16P
   Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
October, 2006 ??Rev. 11
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1,022Kb / 65P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL05XA TI-TL05XA Datasheet
1Mb / 63P
[Old version datasheet]   ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com