Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA21220 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TDA21220
Description  High-Per formance DrMOS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21220 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TDA21220_13 Datasheet HTML 6Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 7Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 8Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 9Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 10Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 11Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 12Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 13Page - Infineon Technologies AG TDA21220_13 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TDA21220
Electrical Specification
Data Sheet
10
Revision 2.5, 2013-01-07
Table 10
Logic Inputs And Threshold
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
DISB#
Input low
V
DISB_L
0.7
1.1
1.3
V
V
DISB falling
Input high
V
DISB_H
1.9
2.1
2.4
V
DISB rising
Sink current
I
DISB
2
μA
V
DISB = 1 V
SMOD#
Input low
V
SMOD#_L
0.7
1.1
1.3
V
V
SMOD# falling
Input high
V
SMOD#_H
1.9
2.1
2.4
V
SMOD# rising
Open voltage
V
SMOD#_O
3.0
Sink current
I
SMOD#
-8
μA
V
SMOD# = 1 V
PWM
Input low
V
PWM_L
0.7
V
V
PWM falling
Input high
V
PWM_H
2.4
V
PWM rising
Input resistance
R
IN-PWM
3
5
7
k
 V
PWM = 1 V
Open voltage
V
PWM_O
1.5
V
V
PWM_O
Tristate shutdown
window
1
V
PWM_S
1.2
1.9
Table 11
Timing Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Tri-State to GL/GH rising delay
t_pts
15
ns
GH, GL unloaded
GL Shutdown Hold-Off time
t_GLtsshd
150
GH Shutdown Hold-Off time
t_GHtsshd
85
GH Turn-on propagation delay
t_pdhu
15
GH Turn-off propagation delay
t_pdlu
20
GL Turn-on propagation delay
t_pdhl
20
GL Turn-off propagation delay
t_pdll
10
DISB# Turn-off propagation delay
falling
t_pdl_DISB
20
DISB# Turn-on propagation delay
rising
t_pdh_DISB
20
PWM minimum pulse width high side
ton_min_PWM
25
PWM minimum off time
toff_min_PWM
65
1 Maximum voltage range for tri-state


Similar Part No. - TDA21220_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
More results

Similar Description - TDA21220_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
logo
Alpha & Omega Semicondu...
AOZ5019 AOSMD-AOZ5019 Datasheet
616Kb / 13P
   High-Current, High-Performance DrMOS Power Module
logo
Anpec Electronics Corop...
APW8703 ANPEC-APW8703_17 Datasheet
361Kb / 19P
   High-Performance, High-Current DrMOS Power Module
logo
Alpha & Omega Semicondu...
AOZ5007 AOSMD-AOZ5007 Datasheet
821Kb / 16P
   High-Current, High-Performance DrMOS Power Module
AOZ5007AQI AOSMD-AOZ5007AQI Datasheet
982Kb / 15P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.3 August 2022
AOZ5316UQI AOSMD-AOZ5316UQI Datasheet
1Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 June 2020
AOZ5018QI AOSMD-AOZ5018QI Datasheet
1Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2021
AOZ5516QI-02 AOSMD-AOZ5516QI-02 Datasheet
2Mb / 17P
   High-Current, High-Performance DrMOS Power Module
Rev. 2.0 May 2020
AOZ5518QI AOSMD-AOZ5518QI Datasheet
2Mb / 16P
   High-Current, High-Performance DrMOS Power Module
Rev. 1.0 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com