Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4681DMX35TCG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP4681DMX35TCG
Description  Ultra Low Quiescent Current, Low Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4681DMX35TCG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP4681DMX35TCG Datasheet HTML 7Page - ON Semiconductor NCP4681DMX35TCG Datasheet HTML 8Page - ON Semiconductor NCP4681DMX35TCG Datasheet HTML 9Page - ON Semiconductor NCP4681DMX35TCG Datasheet HTML 10Page - ON Semiconductor NCP4681DMX35TCG Datasheet HTML 11Page - ON Semiconductor NCP4681DMX35TCG Datasheet HTML 12Page - ON Semiconductor NCP4681DMX35TCG Datasheet HTML 13Page - ON Semiconductor NCP4681DMX35TCG Datasheet HTML 14Page - ON Semiconductor NCP4681DMX35TCG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCP4681, NCP4684
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 31. Load Transients, 3.3 V Version,
IOUT = 1 – 100 mA, tR = tF = 0.5 ms, VIN = 4.3 V
1.3
1.8
2.3
2.8
3.3
3.8
4.3
0
50
100
150
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
t (ms)
Figure 32. Load Transients, 1.5 V Version,
IOUT = 1 – 30 mA, tR = tF = 0.5 ms, VIN = 2.5 V
0.9
1.1
1.3
1.5
1.7
1.9
2.1
0
15
30
45
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
t (ms)
1.9
2.1
2.3
2.5
2.7
2.9
3.1
0
15
30
45
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
t (ms)
Figure 33. Load Transients, 2.5 V Version,
IOUT = 1 – 30 mA, tR = tF = 0.5 ms, VIN = 2.5 V


Similar Part No. - NCP4681DMX35TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4681DMX35TCG ONSEMI-NCP4681DMX35TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results

Similar Description - NCP4681DMX35TCG

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6141 FITIPOWER-FP6141 Datasheet
498Kb / 10P
   100mA Ultra-Low Quiescent Current Low Dropout Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP7363 DIODES-AP7363 Datasheet
299Kb / 14P
   1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP7362 DIODES-AP7362 Datasheet
285Kb / 13P
   1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com